Electronic Components Datasheet Search
  English  ▼

X  

FM25CL64 Datasheet(PDF) 22 Page - Ramtron International Corporation

Part # FM25CL64
Description  VersaKit-30xx Development System Overview
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64 Datasheet(HTML) 22 Page - Ramtron International Corporation

Back Button FM25CL64 Datasheet HTML 18Page - Ramtron International Corporation FM25CL64 Datasheet HTML 19Page - Ramtron International Corporation FM25CL64 Datasheet HTML 20Page - Ramtron International Corporation FM25CL64 Datasheet HTML 21Page - Ramtron International Corporation FM25CL64 Datasheet HTML 22Page - Ramtron International Corporation FM25CL64 Datasheet HTML 23Page - Ramtron International Corporation FM25CL64 Datasheet HTML 24Page - Ramtron International Corporation FM25CL64 Datasheet HTML 25Page - Ramtron International Corporation FM25CL64 Datasheet HTML 26Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
VersaKit-30xx
Once a breakpoint is reached, you can either:
•
Restart the program by clicking again on run .
•
Single step through the code by clicking on step .
•
View/Edit the SFR, IRAM, XRAM memory location by clicking SFR
, IRAM
and XRAM
buttons.
When step
is clicked, the processor will execute the current instruction and step to the next instruction (and actually
stop). The SFR, IRAM, XRAM or FRAM memory content can be viewed and edited at any time after a breakpoint is
reached (this includes step
mode). The debugger provides table and list view options for the SFR, IRAM, XRAM and
FRAM memory areas. It is also possible to open multiple windows for each of these memory areas.
Editing a given SFR, IRAM, XRAM and FRAM memory cell is simple:
•
Double click on the memory location to be edited.
•
Type in the new value to be written.
•
Press <Enter> or double click another memory location.
Notes on the SFR edition:
In the case of the SFR memory location, it is important to note that some registers are partially or totally read or write only
or can only be accessed when the related peripheral is activated. The SFR edition feature allows the user to partially
control the peripheral.
5.5 Updating the Code without exiting the debugger
If during a debug session, you want to modify the code, recompile and reload the code into the Flash memory. The Versa
Ware JTAG allows you to reload the code in Flash memory without exiting the Versa Ware JTAG debugging environment.
To do this, open the editor, modify the code and recompile it. Then return to the debugger and click on erase then
program
button. Note that all the breakpoints you have set will be lost.
5.6 Exiting the Debugger
To exit the debugger, click on stop debugging . This will bring you back in the Versa Ware JTAG programming
environment.
_______________________________________________________________________________________________
www.ramtron.com
page 22 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com