Electronic Components Datasheet Search
  English  ▼

X  

LTC2286CUP Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2286CUP
Description  Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2286CUP Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2286CUP Datasheet HTML 3Page - Linear Technology LTC2286CUP Datasheet HTML 4Page - Linear Technology LTC2286CUP Datasheet HTML 5Page - Linear Technology LTC2286CUP Datasheet HTML 6Page - Linear Technology LTC2286CUP Datasheet HTML 7Page - Linear Technology LTC2286CUP Datasheet HTML 8Page - Linear Technology LTC2286CUP Datasheet HTML 9Page - Linear Technology LTC2286CUP Datasheet HTML 10Page - Linear Technology LTC2286CUP Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2288/LTC2287/LTC2286
7
228876f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2288: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2288: SNR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2288: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2288: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2288: SFDR vs Input Level,
fIN = 30MHz, 2V Range, 65Msps
LTC2288: SFDR vs Input Frequency,
–1dB, 2V Range, 65Msps
SAMPLE RATE (Msps)
228876 G15
155
145
135
125
115
105
95
0
20
40
50
10
30
60
70
80
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
228876 G16
12
10
8
6
4
2
0
0
20
40
50
10
30
60
70
80
LTC2288: SNR vs Input Frequency,
–1dB, 2V Range, 65Msps
INPUT FREQUENCY (MHz)
0
59.5
60.5
200
228876 G10
58.5
57.5
50
100
150
62.5
61.5
INPUT FREQUENCY (MHz)
0
85
90
100
150
228876 G11
80
75
50
100
200
70
65
95
SAMPLE RATE (Msps)
0
80
90
100
80
228876 G12
70
60
50
10 20 30 40 50 60 70
90 100 110
SFDR
SNR
INPUT LEVEL (dBFS)
–60
30
40
50
–30
–10
228876 G13
20
10
0
–50
–40
dBFS
dBc
–20
60
70
80
0
INPUT LEVEL (dBFS)
–60
0
20
40
60
80
120
–50
–40
–30
dBFS
dBc
–20
228876 G14
–10
0
100
10
30
50
70
110
90
80dBc SFDR
REFERENCE LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com