Electronic Components Datasheet Search
  English  ▼

X  

LTC2286CUP Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2286CUP
Description  Dual 10-Bit, 65/40/25Msps Low Noise 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2286CUP Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2286CUP Datasheet HTML 2Page - Linear Technology LTC2286CUP Datasheet HTML 3Page - Linear Technology LTC2286CUP Datasheet HTML 4Page - Linear Technology LTC2286CUP Datasheet HTML 5Page - Linear Technology LTC2286CUP Datasheet HTML 6Page - Linear Technology LTC2286CUP Datasheet HTML 7Page - Linear Technology LTC2286CUP Datasheet HTML 8Page - Linear Technology LTC2286CUP Datasheet HTML 9Page - Linear Technology LTC2286CUP Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2288/LTC2287/LTC2286
6
228876f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2288: Typical INL,
2V Range, 65Msps
LTC2288: Typical DNL,
2V Range, 65Msps
LTC2288: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
65Msps
LTC2288: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
65Msps
LTC2288: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
65Msps
LTC2288: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
65Msps
LTC2288: Grounded Input
Histogram, 65Msps
LTC2288/LTC2287/LTC2286:
Crosstalk vs Input Frequency
INPUT FREQUENCY (MHz)
0
–130
–125
–120
–115
–110
–105
–100
20
40
60
80
228876 G01
100
CODE
0
0
0.25
0.50
1024
–0.25
–0.50
–1.00
256
512
768
–0.75
1.00
0.75
228876 G02
CODE
0
0
0.25
0.50
1024
22876 G03
–0.25
–0.50
–1.00
256
512
768
–0.75
1.00
0.75
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
228876 G04
–100
–110
–40
–60
–90
–30
–120
–50
–70
5
15
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
228876 G05
–100
–110
–40
–60
–90
–30
–120
–50
–70
5
15
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
228876 G06
–100
–110
–40
–60
–90
–30
–120
–50
–70
5
15
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
228876 G07
–100
–110
–40
–60
–90
–30
–120
–50
–70
5
15
30
FREQUENCY (MHz)
0
–80
–20
–10
0
10
20
25
228876 G08
–100
–110
–40
–60
–90
–30
–120
–50
–70
5
15
30
CODE
70000
60000
50000
40000
30000
20000
10000
0
512
65520
513
228876 G09
511
0
0
LTC2288: 8192 Point 2-Tone FFT,
fIN = 28.2MHz and 26.8MHz,
–1dB, 2V Range 65Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com