Electronic Components Datasheet Search
  English  ▼

X  

BC700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BC700
Description  Charger have four individual charging channels. It can charge 1 to 4 pcs of NiMH / NiCd AA or AAA. You can select different mode for each of the 4 channels.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BC700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BC700 Datasheet HTML 1Page - List of Unclassifed Manufacturers BC700 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC-700 charger
Charger have four individual charging channels. It can charge 1 to 4 pcs of NiMH / NiCd
AA or AAA. You can select different mode for each of the 4 channels.
Modes you can select:
Charge
Charger use such current as: for AAA: 200mA, 500mA, 700mA; for AA: 200mA, 500mA,
700mA.
Charge mode is controlled by the processor which detects -dV and controls the
temperature during this mode. Charge is terminated if the tempreture is higher then 53o
C.
Discharge
You can discharge batteries with use of such current as: 100mA, 200mA, 350mA. After
discharging the charger starts to charge up the batteries with current twice as stronger
as the current selected for discharging.
Refresh
This mode can refresh old batteries. Charge and discharger are repeated till the batteries
will regain their full capacity.
Test
Charge and then discharge with measuring the capacity of the batteries.
Rechargeable cell: not included


Similar Part No. - BC700

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BC70 L-COM-BC70 Datasheet
64Kb / 1P
45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
2008-1-29
More results

Similar Description - BC700

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
Fast Charge Controller for NiCd/NiMH Batteries
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Asahi Kasei Microsystem...
AKD4682-A AKM-AKD4682-A Datasheet
1Mb / 51P
24bit CODEC that has two channels of ADC and four channels of DAC
AKD4683-B AKM-AKD4683-B Datasheet
1Mb / 55P
24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
logo
PHOENIX CONTACT
2702007 PHOENIX-2702007 Datasheet
166Kb / 6P
4 analog, bipolar input channels for the connection of current signals
2702153 PHOENIX-2702153 Datasheet
131Kb / 6P
4 analog output channels for the connection of either voltage or current signals
5080C PHOENIX-5080C Datasheet
231Kb / 16P
Analog Input Module with 4 Channels for the Connection of Resistance Temperature Detectors (RTDs)
logo
Hotchip Technology Co.,...
HT4349Q HOTCHIP-HT4349Q Datasheet
996Kb / 6P
A linear charging mode of the largest A linear charging mode. charging current can be passed.
logo
NXP Semiconductors
VYBRIDFSERIESEC NXP-VYBRIDFSERIESEC_V01 Datasheet
1Mb / 125P
Part numbers for the chip have fields that identify the specific part. You can use the values of these fields to determine the specific part you have received.
Rev. 10, 08/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com