Electronic Components Datasheet Search
  English  ▼

X  

AMW007 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # AMW007
Description  This document provides information on the AMW007 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW007 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button AMW007 Datasheet HTML 4Page - Silicon Laboratories AMW007 Datasheet HTML 5Page - Silicon Laboratories AMW007 Datasheet HTML 6Page - Silicon Laboratories AMW007 Datasheet HTML 7Page - Silicon Laboratories AMW007 Datasheet HTML 8Page - Silicon Laboratories AMW007 Datasheet HTML 9Page - Silicon Laboratories AMW007 Datasheet HTML 10Page - Silicon Laboratories AMW007 Datasheet HTML 11Page - Silicon Laboratories AMW007 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Block Diagram, Section 2
AMW007 Datasheet
ADS-MW007-105R • Data Sheet
April 4, 2018
© 2016-2018 Zentri http://www.zentri.com
Page | 2
3v3
UART
GPIO
ADC
WAKE
Reset
Wi-Fi
SoC
40MHz
2 MByte
Serial Flash
AMW007
Antenna
2
Block Diagram
Figure 1 is a block diagram of the AMW007 module. The
main components of the module are a Wi-Fi System-on-
Chip (SoC) and the quad-SPI serial flash. The processor
and peripherals are driven by a 40MHz crystal. An on-
board 2 MByte serial flash chip may be used to store user
applications, data and configuration, and firmware im-
ages as part of the Zentri secure over the air (OTA) up-
date process.
Figure 1. AMW007 Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com