Electronic Components Datasheet Search
  English  ▼

X  

AMW007 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # AMW007
Description  This document provides information on the AMW007 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW007 Datasheet(HTML) 3 Page - Silicon Laboratories

  AMW007 Datasheet HTML 1Page - Silicon Laboratories AMW007 Datasheet HTML 2Page - Silicon Laboratories AMW007 Datasheet HTML 3Page - Silicon Laboratories AMW007 Datasheet HTML 4Page - Silicon Laboratories AMW007 Datasheet HTML 5Page - Silicon Laboratories AMW007 Datasheet HTML 6Page - Silicon Laboratories AMW007 Datasheet HTML 7Page - Silicon Laboratories AMW007 Datasheet HTML 8Page - Silicon Laboratories AMW007 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADS-MW007-105R • Data Sheet
April 4, 2018
© 2016-2018 Zentri http://www.zentri.com
Page | ii
AMW007 Data Sheet
Embedded Wi-Fi Networking Solution
General Features
 Self-contained ultra-low power Wi-Fi module with
support for ZentriOS-WL Firmware, including indus-
try standard SSL/TLS secure TCP/IP network stack.
 Integrated SPI-serial flash for software upgrades
and user accessible read/write file system
Wi-Fi
 Single band 2.4GHz IEEE 802.11b/g/n 1x1 Wi-Fi
transceiver
 Includes support for all Wi-Fi security modes includ-
ing Open, WEP, WPA, and WPA2-PSK
Microprocessorp
 32-bit application processor
 Operates up to 160MHz core frequency
Interfaces*
 UART: 1 x 4-wire, 1 x TX only up to 4.5Mbit/s
 GPIO: Up to 8 GPIOs (overlaid with peripherals)
 A/D converter: 1 x 10-bit resolution
 PWM: Up to 4 PWM outputs
 Wake-up: Wake pin for ultra-low power operation
*Some interfaces share module pins
Operational & Radio
 Single operating voltage : 3.3V (typical)
 Operational Temperature Range: -40°C to +85°C
 Size : 12 x 11 x 1.8mm (0.47” x 0.43” x 0.07”)
 Weight : 0.03 oz (1g)
 Current consumption @ 3.3V, 25°C
-
Standby : 0.9mA
-
Deep sleep / RTC : 20 / 60µA
-
Sleep (Memory Retention) : 0.31mA
-
Wi-Fi Powersave : 0.86mA (DTIM = 3)
-
Active receive : 65mA
-
Active transmit :
100mA @ +0dBm
200mA @ +18dBm
 Maximum RF transmit power
-
802.11b/g : +20 dBm
-
802.11n : +16 dBm
 Minimum Receive sensitivity
-
802.11b/g : -93 dBm
-
802.11n : -85 dBm
Applications
 Industrial, M2M and Home Automation
-
Environmental monitoring
-
Energy monitoring
-
Wireless sensing, remote data logging
-
HVAC, power, light, & thermostat control
-
Appliance control
 Security
-
Cameras, Doors/Window monitoring
-
Alarms, Smoke Detectors
-
Door and entry control
 Health & Fitness
-
Fitness Equipment
-
Home health monitoring e.g. weight scales
 Consumer
-
Audio, Toys, Robots



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com