Electronic Components Datasheet Search
  English  ▼

X  

EFP01 Datasheet(PDF) 43 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 43 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 39Page - Silicon Laboratories EFP01 Datasheet HTML 40Page - Silicon Laboratories EFP01 Datasheet HTML 41Page - Silicon Laboratories EFP01 Datasheet HTML 42Page - Silicon Laboratories EFP01 Datasheet HTML 43Page - Silicon Laboratories EFP01 Datasheet HTML 44Page - Silicon Laboratories EFP01 Datasheet HTML 45Page - Silicon Laboratories EFP01 Datasheet HTML 46Page - Silicon Laboratories EFP01 Datasheet HTML 47Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 158 page
background image
Table 5.4. I2C Timing
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Hysteresis
VHYS
High-to-low versus low-to-high
transition
VIO*0.05
—
—
V
SCL Frequency
fSCL
EFP01 is one of multiple peripher-
als on I2C bus, CLOAD ≤ 25pF
—
—
400
kHz
EFP01 is sole peripheral on I2C
bus, CLOAD ≤ 25 pF
—
—
1000
kHz
SCL High Time
tSKH
fSCL = 400 kHz, CLOAD = 25 pF
0.6
—
—
µs
SCL Low Time
tSKL
fSCL = 400 kHz, CLOAD = 25 pF
1.3
—
—
µs
Start Hold Time
tSTH
fSCL = 400 kHz, CLOAD = 25 pF
0.6
—
—
µs
Start Setup Time
tSTS
fSCL = 400 kHz, CLOAD = 25 pF
0.6
—
—
µs
Stop Setup Time
tSPS
fSCL = 400 kHz, CLOAD = 25 pF
0.6
—
—
µs
Bus Free Time
tBUF
Between Stop and Start, fSCL =
400 kHz, CLOAD = 25 pF
1.3
—
—
µs
SDA Setup Time
tDS
fSCL = 400 kHz, CLOAD = 25 pF
100
—
—
ns
SDA Hold Time
tDH
fSCL = 400 kHz, CLOAD = 25 pF
100
—
—
ns
SDA Valid Time
tVD_DAT
From SCL low to data valid, fSCL
= 400 kHz, CLOAD = 25 pF
—
—
0.9
µs
SDA ACK Valid Time
tVD_ACK
From SCL low to data valid, fSCL
= 400 kHz, CLOAD = 25 pF
—
—
0.9
µs
Suppressed Pulse Width
(pulses up to and including
this duration will be sup-
pressed)
tSPW
fSCL = 400 kHz, CLOAD = 25 pF
50
—
—
ns
Figure 5.1. I2C Interface Timing
SCL
D6
1/fSCL
tSKH
SDA
tSKL
tSTH
D5
D4
D0
R/W
ACK
tDS
tDH
Start Bit
Stop Bit
tBUF
tSTS
tVD :ACK
tSPS
tSP
EFP01 Energy Friendly PMIC Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com