Electronic Components Datasheet Search
  English  ▼

X  

EFP01 Datasheet(PDF) 103 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 103 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 99Page - Silicon Laboratories EFP01 Datasheet HTML 100Page - Silicon Laboratories EFP01 Datasheet HTML 101Page - Silicon Laboratories EFP01 Datasheet HTML 102Page - Silicon Laboratories EFP01 Datasheet HTML 103Page - Silicon Laboratories EFP01 Datasheet HTML 104Page - Silicon Laboratories EFP01 Datasheet HTML 105Page - Silicon Laboratories EFP01 Datasheet HTML 106Page - Silicon Laboratories EFP01 Datasheet HTML 107Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 158 page
background image
6.2.11 CMD
Offset
Bit Position
0x10
7
6
5
4
3
2
1
0
Reset
0
0
0
0
0
0
Access
Name
Table 6.11. CMD
Bit
Name
Reset
Access
Description
7
ADC_START
0
write-only
Initiates a single ADC VDD Voltage measurement.
Before kicking of the ADC measurement, firmware should
set ADC_CC_CTRL.ADC_INTERVAL=0 to disable auto-
mated ADC operation and clear the ADC output registers.
6
ADC_CLR
0
write-only
If ADC_CLR is set, the next ADC voltage measurement
value (triggered automatically or with ADC_START=1) will
be loaded directly into all three 12-bit ADC output result
registers.
5
CC_CLR
0
write-only
Clear all Coulomb counters (CCA_MSBY, CCA_LSBY,
CCB0_MSBY, CCB0_LSBY, CCB2_MSBY, CCB2_LSBY,
CCC_MSBY, CCC_LSBY)
4
CC_CAL_STRT
0
write-only
Initiate calibration of Coulomb counter
3
RESERVED
0
Reserved. Always write bits to 0.
2
OTP_REREAD
0
write-only
Force OTP to be re-read. Will result in the internal control
registers being overwritten to their out-of-reset default
state.
1
RESERVED
0
Reserved. Always write bits to 0.
0
RESET
0
write-only
Forces a full reset, equivalent to a power supply brownout.
All internal registers will be cleared to '0', then the OPN
defaults will be reloaded into the registers from OTP.
Note use of this bit is not recommended. A reset means
that any enabled DCDC outputs are going to be disabled
(i.e, when their mode bitfields are cleared to '0') until the
OTP default settings are loaded (which can take up to
400usec). The output voltage will be maintained during
this period only by the output capacitor, resulting in a pow-
er supply-brownout if the load current is large enough to
pull the output capacitor voltage below the brownout
threshold.
Recommend use of the OTP_REREAD bit instead, which
will simply repaint the EFP01 registers with the default set-
tings from OTP. Any converters enabled by default will re-
main enabled when using OTP_REREAD.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com