Electronic Components Datasheet Search
  English  ▼

X  

EFP01 Datasheet(PDF) 114 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 114 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 110Page - Silicon Laboratories EFP01 Datasheet HTML 111Page - Silicon Laboratories EFP01 Datasheet HTML 112Page - Silicon Laboratories EFP01 Datasheet HTML 113Page - Silicon Laboratories EFP01 Datasheet HTML 114Page - Silicon Laboratories EFP01 Datasheet HTML 115Page - Silicon Laboratories EFP01 Datasheet HTML 116Page - Silicon Laboratories EFP01 Datasheet HTML 117Page - Silicon Laboratories EFP01 Datasheet HTML 118Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 158 page
background image
6.2.21 VDD_AVG_MSN
Offset
Bit Position
0x1B
7
6
5
4
3
2
1
0
Reset
0x00
Access
Name
Table 6.21. VDD_AVG_MSN
Bit
Name
Reset
Access
Description
7:4
RESERVED
0
Reserved. Always write bits to 0.
3:0
VDD_AVG_MSN
0x00
read-only
Most significant nibble of measured VDDA or VDDB pin
IIR low-pass filtered average voltage since last clear. The
time constant of the IIR filter is set by
ADC_CC_CTRL.ADC_IIR_TAU. The VDDA pin will be
measured only if a supply is present on that pin (i.e.,
CC_MODE.SC_MODE=1), otherwise the VDDB pin is
measured.
Note that this value is spread over 2 registers and may be
continuously updated. To ensure that the capture of the
register is not corrupted by changes during the capture
process, addressing this read-only register causes an in-
hibition in the updating of the register.
To ensure coherence when reading the most significant
and least significant bytes, a MSBY register read causes
the corresponding LSBY register value to be stored into a
shadow register. Reading the LSBY register will then re-
turn the value stored in the LSBY shadow register.
VDDB (mV) = ((VDD_xxx_MSN<<8) + VDD_xxx_LSBY) ×
1.49
VDDA (mV) = ((VDD_xxx_MSN<<8) + VDD_xxx_LSBY) ×
1.01
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com