Electronic Components Datasheet Search
  English  ▼

X  

EM3585 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # EM3585
Description  ETRX3585-LRS ZIGBEE® MODULES
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3585 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button EM3585 Datasheet HTML 9Page - Silicon Laboratories EM3585 Datasheet HTML 10Page - Silicon Laboratories EM3585 Datasheet HTML 11Page - Silicon Laboratories EM3585 Datasheet HTML 12Page - Silicon Laboratories EM3585 Datasheet HTML 13Page - Silicon Laboratories EM3585 Datasheet HTML 14Page - Silicon Laboratories EM3585 Datasheet HTML 15Page - Silicon Laboratories EM3585 Datasheet HTML 16Page - Silicon Laboratories EM3585 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ETRX3585-LRS and ETRX3585HR-LRS
©2022 Silicon Labs
- 13 -
ETRX3585-LRS Product Manual
4 Hardware Description
24MHz
EM358x
I/O
UART
I / O
programming
5 JTAG
Vcc
Vreg
RESET
RESET
Match
integrated
antenna
U.FL socket
rf
terminal
selection,
filtering and
matching
circuitry
LDO
1V8
1,8Vdc
A/D
LDO
1V25
Match
FEM
USB*
*not available on all Types
Figure 2. Hardware Diagram
The ETRX3585-LRS and ETRX3585-LRS are based on the Silicon Labs EM3585 family of ZigBee
SoCs in addition to a frontend module containing a PA, LNA and RF switch in addition to the RF-
frontend circuitry. The EM3585 family of ZigBee SoCs are fully integrated 2.4GHz ZigBee
transceivers with a 32-bit ARM® Cortex M3TM microprocessor, flash and RAM memory, and
peripherals.
The industry standard serial wire and JTAG programming and debugging interfaces together with
the standard ARM system debug components help to streamline any custom software
development.
In addition to this a number of MAC functions are also implemented in hardware to help maintain
the strict timing requirements imposed by the ZigBee and IEEE802.15.4 standards.
The new advanced power management features allow faster wakeup from sleep and new power-
down modes allow this 3rd generation module to offer a longer battery life than any 2nd generation
modules on the market.
The EM3585 has fully integrated voltage regulators for both required 1.8V and 1.25V supply
voltages. The voltages are monitored (brown-out detection) and the built in power-on-reset circuit
eliminates the need for any external monitoring circuitry. A 32.768kHz watch crystal can be
connected externally to pads 3 and 4 in case more accurate timing is required.
4.1 Hardware Interface
All GPIO pins of the EM3585 chips are accessible on the module’s pads. Whether signals are
used as general purpose I/Os or assigned to a peripheral function like ADC is set by the firmware.
When developing custom firmware please refer to the EM3585 datasheet [2].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com