Electronic Components Datasheet Search
  English  ▼

X  

EM3585 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # EM3585
Description  ETRX3585-LRS ZIGBEE® MODULES
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3585 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button EM3585 Datasheet HTML 17Page - Silicon Laboratories EM3585 Datasheet HTML 18Page - Silicon Laboratories EM3585 Datasheet HTML 19Page - Silicon Laboratories EM3585 Datasheet HTML 20Page - Silicon Laboratories EM3585 Datasheet HTML 21Page - Silicon Laboratories EM3585 Datasheet HTML 22Page - Silicon Laboratories EM3585 Datasheet HTML 23Page - Silicon Laboratories EM3585 Datasheet HTML 24Page - Silicon Laboratories EM3585 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ETRX3585-LRS and ETRX3585HR-LRS
©2022 Silicon Labs
- 21 -
ETRX3585-LRS Product Manual
Please Note: For the relationship between EM3585 power settings and module output power
please relate to chapter 10.1 of this document. When developing custom firmware the output
power settings described in this document relate directly to the EM3585 power settings accessible
via the Ember stack API.
No.
Synthesiser Characteristics
Limit
Unit
Min
Typ
Max
22
Frequency range
2400
2500 MHz
23
Frequency resolution
11.7
kHz
24
Lock time from off state, with correct VCO DAC settings
100 µs
25
Relock time, channel change or Rx/Tx turnaround
100 µs
26
Phase noise at 100kHz offset
-71dBc/Hz
27
Phase noise at 1MHz offset
-91dBc/Hz
28
Phase noise at 4MHz offset
-103dBc/Hz
29
Phase noise at 10MHz offset
-111dBc/Hz
Table 13. Synthesiser Characteristics
No.
Power On Reset (POR) Specifications
Limit
Unit
Min
Typ
Max
30
VCC POR release
0.62
0.95
1.2
Vdc
31
VCC POR assert
0.45
0.65
0.85
Vdc
Table 14. Power On Reset Specifications
No.
nRESET Specifications
Limit
Unit
Min
Typ
Max
32
Reset Filter Time constant
2.1
12
16
µs
33
Reset Pulse width to guarantee a reset
26
µs
34
Reset Pulse width guaranteed not to cause reset
0
1
µs
Table 15. nReset Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com