Electronic Components Datasheet Search
  English  ▼

X  

ASB160 Datasheet(PDF) 4 Page - XP Power Limited

Part # ASB160
Description  AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB160 Datasheet(HTML) 4 Page - XP Power Limited

  ASB160 Datasheet HTML 1Page - XP Power Limited ASB160 Datasheet HTML 2Page - XP Power Limited ASB160 Datasheet HTML 3Page - XP Power Limited ASB160 Datasheet HTML 4Page - XP Power Limited ASB160 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AC-DC POWER SUPPLIES
ASB160 Series
Heatsink Option
Mechanical Details
4.20 (106.7)
Grey
4.60 (116.8)
0.20 (5.1)
4.20 (106.7)
Mounng inserts ø0.13 (3.2) through 4 places
Earth
ACL
-Vout
Trim
+Vout
+Sen
-Sen
ACN
FG
4.60 (116.8)
4.20 (106.7)
1.0 (25.4)
5-
0.079
(2.00
)
3-
0.039
(1.00
)
4.20 (106.7)
Grey
4.60 (116.8)
0.20 (5.1)
4.20 (106.7)
Mounng inserts ø0.13 (3.2) through 4 places
Earth
ACL
-Vout
Trim
+Vout
+Sen
-Sen
ACN
FG
4.60 (116.8)
4.20 (106.7)
1.0 (25.4)
5-
0.079
(2.00
)
3-
0.039
(1.00
)
Notes:
1. Dimensions shown in inches (mm).
2. Weight: 0.62lb (280g)
3. Pin diameter: 0.08 ±0.002 (2.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
6. Baseplate is connected to FG Pin
When ASB160 is fitted with IFH HEATSINK and mounted in horizontal position with heatsink upper most, the baseplate temperature will typically be 85°C in an
ambient of 40°C.
Derating Curve
100
50
0
-40-30
-20-10
01020
Ambient Temperature (°C)
30
40
50
60
70
80
90
With IFH HEATSINK
400
200
100
50
25
0
85
75
65
55
45
35
Baseplate Temperature (°C)
Lifetime
100
50
0
-40-30
-20-10
01020
Baseplate Temperature (°C)
30
40
50
60
70
80
90
100
100
50
0
-40-30
-20-10
01020
Ambient Temperature (°C)
30
40
50
60
70
80
90
With IFH HEATSINK
400
200
100
50
25
0
85
75
65
55
45
35
Baseplate Temperature (°C)
Lifetime
100
50
0
-40-30
-20-10
01020
Baseplate Temperature (°C)
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com