Electronic Components Datasheet Search
  English  ▼

X  

ASB160 Datasheet(PDF) 5 Page - XP Power Limited

Part # ASB160
Description  AC-DC PO WER SUPPLIES AC-DC PO WER SUPPLIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB160 Datasheet(HTML) 5 Page - XP Power Limited

  ASB160 Datasheet HTML 1Page - XP Power Limited ASB160 Datasheet HTML 2Page - XP Power Limited ASB160 Datasheet HTML 3Page - XP Power Limited ASB160 Datasheet HTML 4Page - XP Power Limited ASB160 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3
To Trim Down
Connecting an external resistor (Rd) between the Trim pin and the +Vo pin decreases the output voltage. The following table can be used to determine the required external
resistor value to obtain a percentage output voltage change of 5%.
To Trim Up
Connecting an external resistor (Ru) between the Trim pin and the -Vo pin increases the output voltage. The following table can be used to determine the required external
resistor value to obtain a percentage output voltage change of 5%.
ASB160 Series
5
18 January 2023
Efficiency Curves
Output Voltage Adjustment
+Vo
Trim down
Trim up
Trim
-Vo
+Vo
Trim
-Vo
Rd
Ru
Load
Load
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
115 VAC
230 VAC
+Vo
Trim down
Trim up
Trim
-Vo
+Vo
Trim
-Vo
Rd
Ru
Load
Load
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
115 VAC
230 VAC
+Vo
Trim down
Trim up
Trim
-Vo
+Vo
Trim
-Vo
Rd
Ru
Load
Load
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
115 VAC
230 VAC
ASB160PS12
ASB160PS24
+Vo
Trim down
Trim up
Trim
-Vo
+Vo
Trim
-Vo
Rd
Ru
Load
Load
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
115 VAC
230 VAC
Trim Down (%)
12V
15V
24V
36V
48V
54V
Rd (kΩ)
5
288.7
398.5
738
1215
1776
2005
Trim Up (%)
12V
15V
24V
36V
48V
54V
Ru (kΩ)
5
79
84
90.8
92.8
89.4
90.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com