Electronic Components Datasheet Search
  English  ▼

X  

T73 Datasheet(PDF) 1 Page - Tyco Electronics

Part # T73
Description  Low Profile, 10 Amp Printed Circuit Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T73 Datasheet(HTML) 1 Page - Tyco Electronics

  T73 Datasheet HTML 1Page - Tyco Electronics T73 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
430
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• 10 amp switching capacity.
• UL Class F (155
°C) coil insulation system standard.
• 1 Form A and 1 Form C contact arrangements.
• Ideal for domestic appliances, HVAC and security.
• Resists high temperature and various chemical solutions.
• Immersion cleanable, plastic sealed case available.
Coil Data @ 20
°C
Voltage: 3 to 48VDC.
Nominal Power: 450 milliwatts.
660 milliwatts for 48VDC coil.
Coil Temperature Rise: 35C
° max, at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
T73 series
Low Profile, 10 Amp
Printed Circuit
Board Relay
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
Weight: 0.42 oz. (12g).
File E29244
File LR48471
Initial Insulation Resistance
Between Mutually Insulated Elements: 108 ohms min. @ 500VDC.
Ag contact rating.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 2,000VAC 50/60 Hz. (1 minute).
Operate Data @ 20
°C
Operate Time: 10 ms (excluding bounce).
Release Time: 5 ms (excluding bounce).
Environmental Data
Temperature Range:
Storage: -40
°C to +130°C.
Operating: -30
°C to +80°C.
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 100g min.
Operational: 10g min.
Operating Humidity: 45 to 85% RH.
Coil Data @ 20
°C
Rated Coil
Coil
Must Operate
Must Release
Voltage
Resistance
Voltage
Voltage
(VDC)
(Ohms) +10%
(VDC)
(VDC)
3
20
1.95
0.15
5
56
3.25
0.25
6
80
3.90
0.30
9
180
5.85
0.45
12
320
7.80
0.60
18
720
11.7
0.90
24
1,150
15.6
1.20
48
3,500
31.2
2.40
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO) and 1 Form C (SPDT).
Material: Silver-cadmium oxide.
Max. Switching Rate: 240 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations.
Minimum Load: 10mA @ 5VDC
Initial Contact Resistance: 100 milliohms max. @ 100mA, 6VDC.
Contact Ratings @ 20
°C with relay properly vented. Remove vent
nib after soldering and cleaning.
Contact
Typical Ratings
Type
Operations
Arrang.
1 & 5
1/3HP NO @ 240VAC
Motor
30,000
10A NO @ 120VAC
Resistive
100,000
6A NO @ 120VAC
Resistive
100,000
6A NO @ 24VDC
Resistive
100,000
10A/5A @ 120VAC
Resistive
100,000
1/4HP NO @ 120VAC
Motor
Consult factory for other ratings.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
12
10
8
6
4
2
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
2
Contact Current (A)
10
1
4
6
8
10
12
0
120VAC Resistive
28VDC Resistive
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - T73

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
1/4" Square Single-Turn Cermet Sealed Trimmers
24-Jan-07
logo
TE Connectivity Ltd
T73 TEC-T73 Datasheet
438Kb / 2P
General Purpose Relays PCB Relays
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
125Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
23-Sep-15
T73 VISHAY-T73 Datasheet
115Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
31-Aug-2018
logo
Norgren Ltd
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
More results

Similar Description - T73

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCD-PCDF MACOM-PCD-PCDF Datasheet
77Kb / 2P
15 Amp Low Profile Power PC Board Relay
logo
Picker Components
PCD203AC2 PICKER-PCD203AC2 Datasheet
263Kb / 4P
Printed Circuit Board Solid State Relay
PCS05 PICKER-PCS05 Datasheet
168Kb / 2P
Printed Circuit Board Solid State Relay
logo
List of Unclassifed Man...
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
10 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
10 AMP LOW PROFILE POWER RELAY
logo
Tyco Electronics
PCD-124D1MH MACOM-PCD-124D1MH Datasheet
88Kb / 2P
15 Amp Low Profile Power PC Board Relay
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
10 Amp, PC Board Miniature Relay
logo
NTE Electronics
RS1-1D4-21 NTE-RS1-1D4-21 Datasheet
87Kb / 1P
Printed Circuit Board Mountable Solid State Relay, 3 Amp 4 Amp
logo
Picker Components
PCD203AC2 PICKER-PCD203AC2_14 Datasheet
225Kb / 4P
Printed Circuit Board Solid State Relay
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
10 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com