Electronic Components Datasheet Search
  English  ▼

X  

T73 Datasheet(PDF) 2 Page - Tyco Electronics

Part # T73
Description  Low Profile, 10 Amp Printed Circuit Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T73 Datasheet(HTML) 2 Page - Tyco Electronics

  T73 Datasheet HTML 1Page - Tyco Electronics T73 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
431
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Ordering Information
Typical Part Number
B T73
S
5
D
1
5
-24
1. Basic Series:
T73 = Miniature, printed circuit board relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable, plastic sealed case.
3. Contact Arrangement:
1 = 1 Form A (SPST-NO).
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC voltage.
5. Relay Type:
1 = Standard coil.
6. Contact Material:
5 = Silver-Cadmium Oxide
7. Coil Voltage:
03 = 3VDC
06 = 6VDC
12 = 12VDC
24 = 24VDC
05 = 5VDC
09 = 9VDC
18 = 18VDC
48 = 48VDC
* Not suitable for immersion cleaning process.
T73S5D15-05
T73S5D15-12
T73S5D15-24
Outline Dimensions
.610
(15.5)
.877
(22.3)
.693
(17.6)
.122
(3.1)
.067
(1.7)
0.30
(7.62
1 Form A
Wiring Diagrams (Bottom Views)
Suggested PC Board Layouts (Bottom Views)
1 Form A
.300
(7.62)
.200
(5.08)
.700
(17.8)
2 x .051 DIA.
(1.3)
2 x .039 DIA.
(1.0)
2
34
5
1 Form C
1 Form C
.300
(7.62)
.200
(5.08)
.700
(17.8)
3 x .051 DIA.
(1.3)
.500
(12.7)
2 x .039 DIA.
(1.0)
2
34
5
1
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com