Electronic Components Datasheet Search
  English  ▼

X  

R5F100LE Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 48Page - Renesas Technology Corp R5F100LE Datasheet HTML 49Page - Renesas Technology Corp R5F100LE Datasheet HTML 50Page - Renesas Technology Corp R5F100LE Datasheet HTML 51Page - Renesas Technology Corp R5F100LE Datasheet HTML 52Page - Renesas Technology Corp R5F100LE Datasheet HTML 53Page - Renesas Technology Corp R5F100LE Datasheet HTML 54Page - Renesas Technology Corp R5F100LE Datasheet HTML 55Page - Renesas Technology Corp R5F100LE Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
52 of 200
Jun 30, 2020
Absolute Maximum Ratings (TA = 25°C) (2/2)
Parameter
Symbols
Conditions
Ratings
Unit
Output current, high
IOH1
Per pin
P00 to P07, P10 to P17,
P30 to P37, P40 to P47,
P50 to P57, P64 to P67,
P70 to P77, P80 to P87,
P90 to P97, P100 to P106,
P110 to P117, P120,
P125 to P127, P130, P140 to P147
–40
mA
Total of all pins
–170 mA
P00 to P04, P07, P32 to P37,
P40 to P47, P102 to P106, P120,
P125 to P127, P130, P140 to P145
–70
mA
P05, P06, P10 to P17, P30, P31,
P50 to P57, P64 to P67,
P70 to P77, P80 to P87,
P90 to P97, P100, P101,
P110 to P117, P146, P147
–100
mA
IOH2
Per pin
P20 to P27, P150 to P156
–0.5
mA
Total of all pins
–2
mA
Output current, low
IOL1
Per pin
P00 to P07, P10 to P17,
P30 to P37, P40 to P47,
P50 to P57, P60 to P67,
P70 to P77, P80 to P87,
P90 to P97, P100 to P106,
P110 to P117, P120,
P125 to P127, P130, P140 to P147
40
mA
Total of all pins
170 mA
P00 to P04, P07, P32 to P37,
P40 to P47, P102 to P106, P120,
P125 to P127, P130, P140 to P145
70
mA
P05, P06, P10 to P17, P30, P31,
P50 to P57, P60 to P67,
P70 to P77, P80 to P87,
P90 to P97, P100, P101,
P110 to P117, P146, P147
100
mA
IOL2
Per pin
P20 to P27, P150 to P156
1
mA
Total of all pins
5
mA
Operating ambient
temperature
TA
In normal operation mode
–40 to +85
°C
In flash memory programming mode
Storage temperature
Tstg
–65 to +150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com