Electronic Components Datasheet Search
  English  ▼

X  

R5F100LE Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R5F100LE
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 84Page - Renesas Technology Corp R5F100LE Datasheet HTML 85Page - Renesas Technology Corp R5F100LE Datasheet HTML 86Page - Renesas Technology Corp R5F100LE Datasheet HTML 87Page - Renesas Technology Corp R5F100LE Datasheet HTML 88Page - Renesas Technology Corp R5F100LE Datasheet HTML 89Page - Renesas Technology Corp R5F100LE Datasheet HTML 90Page - Renesas Technology Corp R5F100LE Datasheet HTML 91Page - Renesas Technology Corp R5F100LE Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
88 of 200
Jun 30, 2020
(6) Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode) (2/2)
(TA = –40 to +85°C, 1.8 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-
speed main)
Mode
LS (low-speed
main) Mode
LV (low-
voltage main)
Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Transfer rate
Transmission 4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
Note 1
Note 1
Note 1
bps
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
1.4 k
Ω, Vb = 2.7 V
2.8
Note 2
2.8
Note 2
2.8
Note 2
Mbps
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
Note 3
Note 3
Note 3
bps
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
2.7 k
Ω, Vb = 2.3 V
1.2
Note 4
1.2
Note 4
1.2
Note 4
Mbps
1.8 V
≤ EVDD0 < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
Notes
5, 6
Notes
5, 6
Notes
5, 6
bps
Theoretical
value of the
maximum
transfer rate
Cb = 50 pF, Rb =
5.5 k
Ω, Vb = 1.6 V
0.43
Note 7
0.43
Note 7
0.43
Note 7
Mbps
Notes 1.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum
transfer rate.
Expression for calculating the transfer rate when 4.0 V
≤ EVDD0 ≤ 5.5 V and 2.7 V ≤ Vb ≤ 4.0 V
Maximum transfer rate =
1
[bps]
{–Cb × Rb × ln (1 –
2.2
Vb
)} × 3
1
Transfer rate × 2
– {–Cb × Rb × ln (1 –
2.2
Vb
)}
Baud rate error (theoretical value) =
× 100 [%]
(
1
Transfer rate
) × Number of transferred bits
* This value is the theoretical value of the relative difference between the transmission and reception sides.
2.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com