Electronic Components Datasheet Search
  English  ▼

X  

DAC102S085 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC102S085
Description  10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC102S085 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DAC102S085 Datasheet HTML 10Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 11Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 12Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 13Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 14Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 15Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 16Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 17Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
1.0 Functional Description
1.1 DAC SECTION
The DAC102S085 is fabricated on a CMOS process with an
architecture that consists of switches and resistor strings
that are followed by an output buffer. The reference voltage
is externally applied at V
REFIN and is shared by both DACs.
For simplicity, a single resistor string is shown in Figure 3.
This string consists of 1024 equal valued resistors with a
switch at each junction of two resistors, plus a switch to
ground. The code loaded into the DAC register determines
which switch is closed, connecting the proper node to the
amplifier. The input coding is straight binary with an ideal
output voltage of:
V
OUTA,B =VREFIN x (D / 1024)
where D is the decimal equivalent of the binary code that is
loaded into the DAC register. D can take on any value
between 0 and 1023. This configuration guarantees that the
DAC is monotonic.
1.2 OUTPUT AMPLIFIERS
The output amplifiers are rail-to-rail, providing an output
voltage range of 0V to V
A when the reference is VA. All
amplifiers, even rail-to-rail types, exhibit a loss of linearity as
the output approaches the supply rails (0V and V
A, in this
case). For this reason, linearity is specified over less than
the full output range of the DAC. However, if the reference is
less than V
A, there is only a loss in linearity in the lowest
codes. The output capabilities of the amplifier are described
in the Electrical Tables.
The output amplifiers are capable of driving a load of 2 k
Ω in
parallel with 1500 pF to ground or to V
A. The zero-code and
full-scale outputs for given load currents are available in the
Electrical Characterisics Table.
1.3 RERENCE VOLTAGE
The DAC102S085 uses a single external reference that is
shared by both channels. The reference pin, V
REFIN,isnot
buffered and has an input impedance of 60 k
Ω. It is recom-
mended that V
REFIN be driven by a voltage source with low
output impedance. The reference voltage range is 1.0V to
V
A, providing the widest possible output dynamic range.
1.4 SERIAL INTERFACE
The three-wire interface is compatible with SPI, QSPI and
MICROWIRE, as well as most DSPs and operates at clock
rates up to 40 MHz. See the Timing Diagram for information
on a write sequence.
A write sequence begins by bringing the SYNC line low.
Once SYNC is low, the data on the D
IN line is clocked into
the 16-bit serial input register on the falling edges of SCLK.
To avoid misclocking data into the shift register, it is critical
that SYNC not be brought low simultaneously with a falling
edge of SCLK (see Serial Timing Diagram, Figure 2). On the
16th falling clock edge, the last data bit is clocked in and the
programmed function (a change in the DAC channel ad-
dress, mode of operation and/or register contents) is ex-
ecuted. At this point the SYNC line may be kept low or
brought high. Any data and clock pusles after the 16th falling
clock edge will be ignored. In either case, SYNC must be
brought high for the minimum specified time before the next
write sequence is initiated with a falling edge of SYNC.
Since the SYNC and D
IN buffers draw more current when
they are high, they should be idled low between write se-
quences to minimize power consumption.
1.5 INPUT SHIFT REGISTER
The input shift register, Figure 4, has sixteen bits. The first bit
must be set to "0" and the second bit is an address bit. The
address bit determines whether the register data is for DAC
A or DAC B. This bit is followed by two bits that determine the
mode of operation (writing to a DAC register without updat-
ing the outputs of both DACs, writing to a DAC register and
updating the outputs of both DACs, writing to the register of
both DACs and updating their outputs, or powering down
both outputs). The final twelve bits of the shift register are the
data bits. The data format is straight binary (MSB first, LSB
last), with all 0’s corresponding to an output of 0V and all 1’s
corresponding to a full-scale output of V
REFIN - 1 LSB. The
contents of the serial input register are transferred to the
DAC register on the sixteenth falling edge of SCLK. See
Timing Diagram, Figure 2.
Normally, the SYNC line is kept low for at least 16 falling
edges of SCLK and the DAC is updated on the 16th SCLK
falling edge. However, if SYNC is brought high before the
16th falling edge, the data transfer to the shift register is
aborted and the write sequence is invalid. Under this condi-
tion, the DAC register is not updated and there is no change
in the mode of operation or in the DAC output voltages.
20195507
FIGURE 3. DAC Resistor String
20195508
FIGURE 4. Input Register Contents
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com