Electronic Components Datasheet Search
  English  ▼

X  

DAC102S085 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC102S085
Description  10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC102S085 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DAC102S085 Datasheet HTML 10Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 11Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 12Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 13Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 14Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 15Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 16Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 17Page - National Semiconductor (TI) DAC102S085 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
1.0 Functional Description (Continued)
1.6 POWER-ON RESET
The power-on reset circuit controls the output voltages of
both DACs during power-up. Upon application of power, the
DAC registers are filled with zeros and the output voltages
are 0V. The outputs remain at 0V until a valid write sequence
is made to the DAC.
1.7 POWER-DOWN MODES
The DAC102S085 has four power-down modes, two of
which are identical. In power-down mode, the supply current
drops to 20 µA at 3V and 30 µA at 5V. The DAC102S085 is
set in power-down mode by setting OP1 and OP0 to 11.
Since this mode powers down both DACs, the first two bits of
the shift register are used to select different output termina-
tions for the DAC outputs. Setting A1 and A0 to 00 or 11
causes the outputs to be tri-stated (a high impedance state).
While setting A1 and A0 to 01 or 10 causes the outputs to be
terminated by 2.5 k
Ω or 100 kΩ to ground respectively (see
Table 1).
TABLE 1. Power-Down Modes
A1
A0
OP1
OP0
Operating Mode
0
0
1
1
High-Z outputs
0
1
1
1
2.5 k
Ω to GND
1
0
1
1
100 k
Ω to GND
1
1
1
1
High-Z outputs
The bias generator, output amplifiers, resistor strings, and
other linear circuitry are all shut down in any of the power-
down modes. However, the contents of the DAC registers
are unaffected when in power-down. Each DAC register
maintains its value prior to the DAC102S085 being powered
down unless it is changed during the write sequence which
instructed it to recover from power down. Minimum power
consumption is achieved in the power-down mode with
SYNC and D
IN idled low and SCLK disabled. The time to exit
power-down (Wake-Up Time) is typically 0.8 µsec at 3V and
0.5 µsec at 5V.
2.0 Applications Information
2.1 USING REFERENCES AS POWER SUPPLIES
While the simplicity of the DAC102S085 implies ease of use,
it is important to recognize that the path from the reference
input (V
REFIN) to the VOUTs will have essentially zero Power
Supply Rejection Ratio (PSRR). Therefore, it is necessary to
provide a noise-free supply voltage to V
REFIN. In order to
utilize the full dynamic range of the DAC102S085, the supply
pin (V
A) and VREFIN can be connected together and share
the same supply voltage. Since the DAC102S085 consumes
very little power, a reference source may be used as the
reference input and/or the supply voltage. The advantages of
using a reference source over a voltage regulator are accu-
racy and stability. Some low noise regulators can also be
used. Listed below are a few reference and power supply
options for the DAC102S085.
2.1.1 LM4130
The LM4130, with its 0.05% accuracy over temperature, is a
good choice as a reference source for the DAC102S085.
The 4.096V version is useful ifa0to 4.095V output range is
desirable or acceptable. Bypassing the LM4130 VIN pin with
a 0.1µF capacitor and the VOUT pin with a 2.2µF capacitor
will improve stability and reduce output noise. The LM4130
comes in a space-saving 5-pin SOT23.
2.1.2 LM4050
Available with accuracy of 0.44%, the LM4050 shunt refer-
ence is also a good choice as a reference for the
DAC102S085. It is available in 4.096V and 5V versions and
comes in a space-saving 3-pin SOT23.
The minimum resistor value in the circuit of Figure 6 must be
chosen such that the maximum current through the LM4050
does not exceed its 15 mA rating. The conditions for maxi-
mum current include the input voltage at its maximum, the
LM4050 voltage at its minimum, and the DAC102S085 draw-
ing zero current. The maximum resistor value must allow the
LM4050 to draw more than its minimum current for regula-
tion plus the maximum DAC102S085 current in full opera-
tion. The conditions for minimum current include the input
voltage at its minimum, the LM4050 voltage at its maximum,
the resistor value at its maximum due to tolerance, and the
DAC102S085 draws its maximum current. These conditions
can be summarized as
R(min)=(V
IN(max) − VZ(min) ) /IZ(max)
and
R(max)=(V
IN(min) − VZ(max))/((IDAC(max) + IZ(min) )
where V
Z(min) and VZ(max) are the nominal LM4050 output
voltages ± the LM4050 output tolerance over temperature,
I
Z(max)
is the maximum allowable current through the
20195513
FIGURE 5. The LM4130 as a power supply
20195514
FIGURE 6. The LM4050 as a power supply
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com