Electronic Components Datasheet Search
  English  ▼

X  

LTC2292 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2292
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2292 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2292 Datasheet HTML 6Page - Linear Technology LTC2292 Datasheet HTML 7Page - Linear Technology LTC2292 Datasheet HTML 8Page - Linear Technology LTC2292 Datasheet HTML 9Page - Linear Technology LTC2292 Datasheet HTML 10Page - Linear Technology LTC2292 Datasheet HTML 11Page - Linear Technology LTC2292 Datasheet HTML 12Page - Linear Technology LTC2292 Datasheet HTML 13Page - Linear Technology LTC2292 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2293/LTC2292/LTC2291
10
229321f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2291: 8192 Point 2-Tone FFT,
fIN = 10.9MHz and 13.8MHz,
–1dB, 2V Range, 25Msps
LTC2291: Grounded Input
Histogram, 25Msps
LTC2291: SNR vs Input Frequency,
–1dB, 2V Range, 25Msps
LTC2291: SFDR vs Input
Frequency, –1dB, 2V Range,
25Msps
LTC2291: SNR and SFDR vs
Sample Rate, 2V Range,
fIN = 5MHz, –1dB
LTC2291: SNR vs Input Level,
fIN = 5MHz, 2V Range, 25Msps
LTC2291: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
25Msps
LTC2291: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
25Msps
LTC2291: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
25Msps
FREQUENCY (MHz)
0
229321 G36
24
6
8
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G37
24
6
8
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G38
24
6
8
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G39
24
68
10
12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
2050
229321 G40
2048
2049
70000
60000
50000
40000
30000
20000
10000
0
61758
1607
2155
INPUT FREQUENCY (MHz)
0
70
71
200
229321 G41
69
68
50
100
150
72
INPUT FREQUENCY (MHz)
0
100
95
90
85
80
75
70
65
150
229321 G42
50
100
200
SAMPLE RATE (Msps)
0
110
100
90
80
70
60
40
50
229321 G43
10
20
30
SNR
SFDR
INPUT LEVEL (dBFS)
–60
–50
– 40
–20
–30
–10
0
229321 G44
80
70
60
50
40
30
20
10
0
dBFS
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com