Electronic Components Datasheet Search
  English  ▼

X  

LTC2292 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2292
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2292 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2292 Datasheet HTML 7Page - Linear Technology LTC2292 Datasheet HTML 8Page - Linear Technology LTC2292 Datasheet HTML 9Page - Linear Technology LTC2292 Datasheet HTML 10Page - Linear Technology LTC2292 Datasheet HTML 11Page - Linear Technology LTC2292 Datasheet HTML 12Page - Linear Technology LTC2292 Datasheet HTML 13Page - Linear Technology LTC2292 Datasheet HTML 14Page - Linear Technology LTC2292 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC2293/LTC2292/LTC2291
11
229321f
PI FU CTIO S
AINA+ (Pin 1): Channel A Positive Differential Analog
Input.
AINA– (Pin 2): Channel A Negative Differential Analog
Input.
REFHA (Pins 3, 4): Channel A High Reference. Short
together and bypass to Pins 5, 6 with a 0.1µF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 5, 6 with an additional 2.2µF ceramic chip capacitor
and to ground with a 1µF ceramic chip capacitor.
REFLA (Pins 5, 6): Channel A Low Reference. Short
together and bypass to Pins 3, 4 with a 0.1µF ceramic chip
capacitor as close to the pin as possible. Also bypass to
Pins 3, 4 with an additional 2.2µF ceramic chip capacitor
and to ground with a 1µF ceramic chip capacitor.
VDD (Pins 7, 10, 18, 63): Analog 3V Supply. Bypass to
GND with 0.1µF ceramic chip capacitors.
CLKA (Pin 8): Channel A Clock Input. The input sample
starts on the positive edge.
CLKB (Pin 9): Channel B Clock Input. The input sample
starts on the positive edge.
REFLB (Pins 11, 12): Channel B Low Reference. Short
together and bypass to Pins 13, 14 with a 0.1µF ceramic
chip capacitor as close to the pin as possible. Also bypass
to Pins 13, 14 with an additional 2.2µF ceramic chip ca-
pacitor and to ground with a 1µF ceramic chip capacitor.
REFHB (Pins 13, 14): Channel B High Reference. Short
together and bypass to Pins 11, 12 with a 0.1µF ceramic
chip capacitor as close to the pin as possible. Also bypass
to Pins 11, 12 with an additional 2.2µF ceramic chip ca-
pacitor and to ground with a 1µF ceramic chip capacitor.
AINB– (Pin 15): Channel B Negative Differential Analog
Input.
AINB+ (Pin 16): Channel B Positive Differential Analog
Input.
GND (Pins 17, 64): ADC Power Ground.
SENSEB (Pin 19): Channel B Reference Programming Pin.
Connecting SENSEB to VCMB selects the internal reference
and a ±0.5V input range. VDD selects the internal reference
and a ±1V input range. An external reference greater than
0.5V and less than 1V applied to SENSEB selects an input
range of ±VSENSEB. ±1V is the largest valid input range.
VCMB (Pin 20): Channel B 1.5V Output and Input Common
Mode Bias. Bypass to ground with 2.2µF ceramic chip
capacitor. Do not connect to VCMA.
LTC2291: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB,
OVDD = 1.8V
LTC2291: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2291: SFDR vs Input Level,
fIN = 5MHz, 2V Range, 25Msps
TYPICAL PERFOR A CE CHARACTERISTICS
SAMPLE RATE (Msps)
229321 G46
70
60
50
40
30
0
10
20
515
25
30
35
2V RANGE
1V RANGE
0
10
20
515
25
30
35
SAMPLE RATE (Msps)
229321 G47
6
4
2
0
INPUT LEVEL (dBFS)
–60
–50
– 40
–20
–30
–10
0
229321 G45
120
110
100
90
80
70
60
50
40
30
20
dBFS
dBc
90dBc SFDR
REFERENCE LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com