Electronic Components Datasheet Search
  English  ▼

X  

LTC2291 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2291
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2291 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2291 Datasheet HTML 18Page - Linear Technology LTC2291 Datasheet HTML 19Page - Linear Technology LTC2291 Datasheet HTML 20Page - Linear Technology LTC2291 Datasheet HTML 21Page - Linear Technology LTC2291 Datasheet HTML 22Page - Linear Technology LTC2291 Datasheet HTML 23Page - Linear Technology LTC2291 Datasheet HTML 24Page - Linear Technology LTC2291 Datasheet HTML 25Page - Linear Technology LTC2291 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC2293/LTC2292/LTC2291
22
229321f
APPLICATIO S I FOR ATIO
Sleep and Nap Modes
The converter may be placed in shutdown or nap modes
to conserve power. Connecting SHDN to GND results in
normal operation. Connecting SHDN to VDD and OE to VDD
results in sleep mode, which powers down all circuitry
including the reference and typically dissipates 1mW. When
exiting sleep mode it will take milliseconds for the output
data to become valid because the reference capacitors have
to recharge and stabilize. Connecting SHDN to VDD and OE
to GND results in nap mode, which typically dissipates
30mW. In nap mode, the on-chip reference circuit is kept
on, so that recovery from nap mode is faster than that from
sleep mode, typically taking 100 clock cycles. In both sleep
and nap modes, all digital outputs are disabled and enter
the Hi-Z state.
Channels A and B have independent SHDN pins (SHDNA,
SHDNB). Channel A is controlled by SHDNA and OEA, and
Channel B is controlled by SHDNB and OEB. The nap, sleep
and output enable modes of the two channels are completely
independent, so it is possible to have one channel operat-
ing while the other channel is in nap or sleep mode.
Digital Output Multiplexer
The digital outputs of the LTC2293/LTC2292/LTC2291 can
be multiplexed onto a single data bus. The MUX pin is a
digital input that swaps the two data busses. If MUX is High,
Channel A comes out on DA0-DA11, OFA; Channel B comes
out on DB0-DB11, OFB. If MUX is Low, the output busses
are swapped and Channel A comes out on DB0-DB11, OFB;
Channel B comes out on DA0-DA11, OFA. To multiplex both
channels onto a single output bus, connect MUX, CLKA and
CLKB together (see the Timing Diagram for the multiplexed
mode). The multiplexed data is available on either data
bus—the unused data bus can be disabled with its OE pin.
Grounding and Bypassing
The LTC2293/LTC2292/LTC2291 requires a printed cir-
cuit board with a clean, unbroken ground plane. A multi-
layer board with an internal ground plane is recom-
mended. Layout for the printed circuit board should en-
sure that digital and analog signal lines are separated as
much as possible. In particular, care should be taken not
to run any digital track alongside an analog signal track or
underneath the ADC.
High quality ceramic bypass capacitors should be used at
the VDD, OVDD, VCM, REFH, and REFL pins. Bypass capaci-
tors must be located as close to the pins as possible. Of
particular importance is the 0.1µF capacitor between
REFH and REFL. This capacitor should be placed as close
to the device as possible (1.5mm or less). A size 0402
ceramic capacitor is recommended. The large 2.2µF ca-
pacitor between REFH and REFL can be somewhat further
away. The traces connecting the pins and bypass capaci-
tors must be kept short and should be made as wide as
possible.
The LTC2293/LTC2292/LTC2291 differential inputs should
run parallel and close to each other. The input traces
should be as short as possible to minimize capacitance
and to minimize noise pickup.
Heat Transfer
Most of the heat generated by the LTC2293/LTC2292/
LTC2291 is transferred from the die through the bottom-
side exposed pad and package leads onto the printed
circuit board. For good electrical and thermal perfor-
mance, the exposed pad should be soldered to a large
grounded pad on the PC board. It is critical that all ground
pins are connected to a ground plane of sufficient area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com