Electronic Components Datasheet Search
  English  ▼

X  

LTC2291 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2291
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2291 Datasheet(HTML) 3 Page - Linear Technology

  LTC2291 Datasheet HTML 1Page - Linear Technology LTC2291 Datasheet HTML 2Page - Linear Technology LTC2291 Datasheet HTML 3Page - Linear Technology LTC2291 Datasheet HTML 4Page - Linear Technology LTC2291 Datasheet HTML 5Page - Linear Technology LTC2291 Datasheet HTML 6Page - Linear Technology LTC2291 Datasheet HTML 7Page - Linear Technology LTC2291 Datasheet HTML 8Page - Linear Technology LTC2291 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2293/LTC2292/LTC2291
3
229321f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ –AIN–)
2.7V < VDD < 3.4V (Note 7)
●
1V to 2V
V
VIN,CM
Analog Input Common Mode
Differential Input (Note 7)
●
1
1.5
1.9
V
IIN
Analog Input Leakage Current
0V < AIN+, AIN– < VDD
●
–1
1
µA
ISENSE
SENSEA, SENSEB Input Leakage
0V < SENSEA, SENSEB < 1V
●
–3
3
µA
IMODE
MODE Input Leakage Current
0V < MODE < VDD
●
–3
3
µA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
Full Power Bandwidth
Figure 8 Test Circuit
575
MHz
The
● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
LTC2293
LTC2292
LTC2291
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input
71.3
71.4
71.4
dB
12.5MHz Input
●
70.1
71.2
dB
20MHz Input
●
69.6
71.3
dB
30MHz Input
●
69.6
71.3
dB
70MHz Input
71.3
71.1
70.9
dB
140MHz Input
71
70.7
70.6
dB
SFDR
5MHz Input
90
90
90
dB
12.5MHz Input
●
75
90
dB
20MHz Input
●
74
90
dB
30MHz Input
●
74
90
dB
70MHz Input
85
85
85
dB
140MHz Input
80
80
80
dB
SFDR
5MHz Input
90
90
90
dB
12.5MHz Input
●
80
90
dB
20MHz Input
●
79
90
dB
30MHz Input
●
78
90
dB
70MHz Input
90
90
90
dB
140MHz Input
90
90
90
dB
S/(N+D)
5MHz Input
71.3
71.4
71.4
dB
12.5MHz Input
●
69.8
71.2
dB
20MHz Input
●
69.4
71.2
dB
30MHz Input
●
69.4
71.2
dB
70MHz Input
71.1
70.9
70.8
dB
140MHz Input
69.9
69.9
69.8
dB
IMD
fIN = Nyquist,
90
90
90
dB
Nyquist + 1MHz
Crosstalk
fIN = Nyquist
–110
–110
–110
dB
A ALOG I PUT
DY A IC ACCURACY
The
● denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
Signal-to-Noise
Plus Distortion
Ratio
Intermodulation
Distortion
Spurious Free
Dynamic Range
4th Harmonic
or Higher
Spurious Free
Dynamic Range
2nd or 3rd
Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com