Electronic Components Datasheet Search
  English  ▼

X  

LTC2292CUP Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2292CUP
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2292CUP Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2292CUP Datasheet HTML 8Page - Linear Technology LTC2292CUP Datasheet HTML 9Page - Linear Technology LTC2292CUP Datasheet HTML 10Page - Linear Technology LTC2292CUP Datasheet HTML 11Page - Linear Technology LTC2292CUP Datasheet HTML 12Page - Linear Technology LTC2292CUP Datasheet HTML 13Page - Linear Technology LTC2292CUP Datasheet HTML 14Page - Linear Technology LTC2292CUP Datasheet HTML 15Page - Linear Technology LTC2292CUP Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC2293/LTC2292/LTC2291
12
229321f
MUX (Pin 21): Digital Output Multiplexer Control. If MUX
is High, Channel A comes out on DA0-DA13, OFA; Channel B
comes out on DB0-DB13, OFB. If MUX is Low, the output
busses are swapped and Channel A comes out on DB0-
DB13, OFB; Channel B comes out on DA0-DA13, OFA. To
multiplex both channels onto a single output bus, connect
MUX, CLKA and CLKB together.
SHDNB (Pin 22): Channel B Shutdown Mode Selection
Pin. Connecting SHDNB to GND and OEB to GND results
in normal operation with the outputs enabled. Connecting
SHDNB to GND and OEB to VDD results in normal opera-
tion with the outputs at high impedance. Connecting
SHDNB to VDD and OEB to GND results in nap mode with
the outputs at high impedance. Connecting SHDNB to VDD
and OEB to VDD results in sleep mode with the outputs at
high impedance.
OEB (Pin 23): Channel B Output Enable Pin. Refer to
SHDNB pin function.
NC (Pins 24, 25, 41, 42): Do Not Connect These Pins.
DB0 – DB11 (Pins 26 to 30, 33 to 39): Channel B Digital
Outputs. DB11 is the MSB.
OGND (Pins 31, 50): Output Driver Ground.
OVDD (Pins 32, 49): Positive Supply for the Output Driv-
ers. Bypass to ground with 0.1µF ceramic chip capacitor.
OFB (Pin 40): Channel B Overflow/Underflow Output.
High when an overflow or underflow has occurred.
DA0 – DA11 (Pins 43 to 48, 51 to 56): Channel A Digital
Outputs. DA11 is the MSB.
OFA (Pin 57): Channel A Overflow/Underflow Output.
High when an overflow or underflow has occurred.
OEA (Pin 58): Channel A Output Enable Pin. Refer to
SHDNA pin function.
SHDNA (Pin 59): Channel A Shutdown Mode Selection
Pin. Connecting SHDNA to GND and OEA to GND results
in normal operation with the outputs enabled. Connecting
SHDNA to GND and OEA to VDD results in normal opera-
tion with the outputs at high impedance. Connecting
SHDNA to VDD and OEA to GND results in nap mode with
the outputs at high impedance. Connecting SHDNA to VDD
and OEA to VDD results in sleep mode with the outputs at
high impedance.
MODE (Pin 60): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Note that MODE controls both
channels. Connecting MODE to GND selects straight bi-
nary output format and turns the clock duty cycle stabilizer
off. 1/3 VDD selects straight binary output format and turns
the clock duty cycle stabilizer on. 2/3 VDD selects 2’s
complement output format and turns the clock duty cycle
stabilizer on. VDD selects 2’s complement output format
and turns the clock duty cycle stabilizer off.
VCMA (Pin 61): Channel A 1.5V Output and Input Common
Mode Bias. Bypass to ground with 2.2µF ceramic chip
capacitor. Do not connect to VCMB.
SENSEA (Pin 62): Channel A Reference Programming Pin.
Connecting SENSEA to VCMA selects the internal reference
and a ±0.5V input range. VDD selects the internal reference
and a ±1V input range. An external reference greater than
0.5V and less than 1V applied to SENSEA selects an input
range of ±VSENSEA. ±1V is the largest valid input range.
GND (Exposed Pad) (Pin 65): ADC Power Ground. The
Exposed Pad on the bottom of the package needs to be
soldered to ground.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com