Electronic Components Datasheet Search
  English  ▼

X  

LTC2292CUP Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2292CUP
Description  Dual 12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2292CUP Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2292CUP Datasheet HTML 2Page - Linear Technology LTC2292CUP Datasheet HTML 3Page - Linear Technology LTC2292CUP Datasheet HTML 4Page - Linear Technology LTC2292CUP Datasheet HTML 5Page - Linear Technology LTC2292CUP Datasheet HTML 6Page - Linear Technology LTC2292CUP Datasheet HTML 7Page - Linear Technology LTC2292CUP Datasheet HTML 8Page - Linear Technology LTC2292CUP Datasheet HTML 9Page - Linear Technology LTC2292CUP Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC2293/LTC2292/LTC2291
6
229321f
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2293: Typical INL,
2V Range, 65Msps
LTC2293: Typical DNL,
2V Range, 65Msps
LTC2293: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range,
65Msps
LTC2293: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range,
65Msps
LTC2293: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range,
65Msps
LTC2293: 8192 Point FFT,
fIN = 140MHz, –1dB, 2V Range,
65Msps
LTC2293: Grounded Input
Histogram, 65Msps
LTC2293/LTC2292/LTC2291:
Crosstalk vs Input Frequency
INPUT FREQUENCY (MHz)
0
–130
–125
–120
–115
–110
–105
–100
20
40
60
80
229321 G01
100
CODE
0
3072
1024
2048
4096
229321 G02
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
CODE
0
3072
1024
2048
4096
229321 G03
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
FREQUENCY (MHz)
0
229321 G04
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G05
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G06
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G07
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FREQUENCY (MHz)
0
229321 G08
510
15
20
25
30
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
CODE
70000
60000
50000
40000
30000
20000
10000
0
2043
61496
2044
229321 G09
2042
2123
1910
LTC2293: 8192 Point 2-Tone FFT,
fIN = 28.2MHz and 26.8MHz, –1dB,
2V Range 65Msps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com