Electronic Components Datasheet Search
  English  ▼

X  

PTH05000WAS Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05000WAS
Description  6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05000WAS Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH05000WAS Datasheet HTML 4Page - Texas Instruments PTH05000WAS Datasheet HTML 5Page - Texas Instruments PTH05000WAS Datasheet HTML 6Page - Texas Instruments PTH05000WAS Datasheet HTML 7Page - Texas Instruments PTH05000WAS Datasheet HTML 8Page - Texas Instruments PTH05000WAS Datasheet HTML 9Page - Texas Instruments PTH05000WAS Datasheet HTML 10Page - Texas Instruments PTH05000WAS Datasheet HTML 11Page - Texas Instruments PTH05000WAS Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Output On/Off Inhibit
For applications requiring output voltage on/off control,
the PTH03000W & PTH05000W power modules in-
corporate an output on/off Inhibit control (pin 3). The
inhibit feature can be used wherever there is a require-
ment for the output voltage from the regulator to be
turned off.
The power module functions normally when the Inhibit
pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to Vin with
respect to GND.
Figure 3-2 shows the typical application of the inhibit
function. Note the discrete transistor (Q1). The Inhibit
control has its own internal pull-up to Vin potential. An
open-collector or open-drain device is recommended to
control this input.
Turning Q1 on applies a low voltage to the Inhibit control
pin and disables the output of the module. If Q1 is then
turned off, the module will execute a soft-start power-up
sequence. A regulated output voltage is produced within
20 msec. Figure 3-3 shows the typical rise in the out-
put voltage, following the turn-off of Q1. The turn off of
Q1 corresponds to the fall in the waveform, Q1 Vgs. The
waveforms were measured with a 5-A resistive load.
Figure 3-2
Figure 3-3
Power-Up Characteristics
When configured per their standard application, the
PTH03000 and PTH05000 series of power modules will
produce a regulated output voltage following the appli-
cation of a valid input source voltage. During power up,
internal soft-start circuitry slows the rate that the output
voltage rises, thereby limiting the amount of in-rush
current that can be drawn from the input source. The
soft-start circuitry introduces a short time delay (typi-
cally 10 ms) into the power-up characteristic. This is
from the point that a valid input source is recognized.
Figure 3-1 shows the power-up waveforms for a PTH05000W
(5-V input), with the output voltage set point adjusted for a
2-V output. The waveforms were measured with a 5-A
resistive load. The initial rise in input current when the
input voltage first starts to rise is the charge current drawn
by the input capacitors.
Figure 3-1
Current Limit Protection
The PTHxx000W modules protect against load faults
with a continuous current limit characteristic. Under a
load fault condition the output current cannot exceed
the current limit value. Attempting to draw current that
exceeds the current limit value causes the output voltage
to be progressively reduced. Current is continuously
supplied to the fault until it is removed. Upon removal of
the fault, the output voltage will promptly recover.
Thermal Shutdown
Thermal shutdown protects the module’s internal circuitry
against excessively high temperatures. A rise in tempera-
ture may be the result of a drop in airflow, a high ambient
temperature, or a sustained current limit condition. If
the junction temperature of the internal components
exceed 150 °C, the module will shutdown. This reduces
the output voltage to zero. The module will start up
automatically, by initiating a soft-start power up when
the sensed temperature decreases 10 °C below the thermal
shutdown trip point.
PTH03000 & PTH05000 Series
PTH05000W
V
IN =5 V
1
4
5
2
3
C
IN
330 µF
(Required)
C
OUT
100 µF
(Optional)
Inhibit
GND
V
O =2 V
4k87
0.1 W, 1 %
V
O Adj
GND
Inhibit
V
IN
V
O
L
O
A
D
GND
Q
1
BSS138
Vo (1 V/Div)
Q1 Vgs
(10 V/Div)
HORIZ SCALE: 5 ms/Div
Vin (2 V/Div)
Vo (1 V/Div)
Iin (2 A/Div)
HORIZ SCALE: 5 ms/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com