Electronic Components Datasheet Search
  English  ▼

X  

PTH05000WAS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05000WAS
Description  6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05000WAS Datasheet(HTML) 1 Page - Texas Instruments

  PTH05000WAS Datasheet HTML 1Page - Texas Instruments PTH05000WAS Datasheet HTML 2Page - Texas Instruments PTH05000WAS Datasheet HTML 3Page - Texas Instruments PTH05000WAS Datasheet HTML 4Page - Texas Instruments PTH05000WAS Datasheet HTML 5Page - Texas Instruments PTH05000WAS Datasheet HTML 6Page - Texas Instruments PTH05000WAS Datasheet HTML 7Page - Texas Instruments PTH05000WAS Datasheet HTML 8Page - Texas Instruments PTH05000WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For technical support and further information visit http://power.ti.com
Standard Application
Features
• Up to 6-A Output Current
• 5-V Input Voltage
• Wide-Output Voltage Adjust
(0.9 V to 3.6 V)
• Efficiencies up to 94 %
• 160 W/in³ Power Density
• On/Off Inhibit
• Under-Voltage Lockout
6-A, 5-V Input Non-Isolated
Wide-Output Adjust Power Module
Rset = Required to set the output voltage to a value
higher than 0.9 V. See spec. table for values.
Cin = Required 330 µF capacitor
Cout = Optional 100 µF capacitor
• Output Current Limit
• Pre-Bias Startup Capability
• Over-Temperature Protection
• Surface Mountable
• Operating Temp: –40 to +85 °C
• Safety Agency Approvals (Pending):
UL 1950, CSA 22.2 950, EN60950
& VDE
V
IN
Inhibit
GND
GND
V
OUT
R
SET
1 %, 0.1 W
(Required)
C
OUT
100 µF
Electrolytic
(Optional)
C
IN
330 µF
(Required)
PTH05000W
(Top View)
1
4
2
3
5
SLTS201C – MAY 2003 – REVISED DECEMBER 2003
Description
The PTH05000 series of non-isolated
power modules are small in size and high
on performance. Using double-sided sur-
face mount construction and synchronous
rectification technology, these regulators
deliver up to 6 A of output current while
occupying a PCB area of about half the
size of a standard postage stamp. They
are an ideal choice for applications where
space, performance and cost are impor-
tant design constraints.
The series operates from an input
voltage of 5 V to provide step-down
power conversion to any output voltage
over the range, 0.9 V to 3.6 V. The out-
put voltage of the PTH05000W is set
within this range using a single resistor.
Operating features include an on/off
inhibit, output voltage adjust (trim), an
output current limit, and over-tempera-
ture protection.
For high efficiency these parts employ
a synchronous rectifier output stage. An
output pre-bias holdoff capability ensures
that the output will not sink current dur-
ing startup.
Target applications include telecom,
industrial, and general purpose circuits,
including low-power dual-voltage systems
that use a DSP, microprocessor, or ASIC.
Package options include both through-
hole and surface mount configurations.
Pin Configuration
Pin
Function
1
GND
2Vin
3
Inhibit *
4Vo Adjust
5Vout
* Denotes negative logic:
Open
= Output On
Ground = Output Off
NOMINAL SIZE =0.75 in x 0.5 in
(19,05 mm x 12,7 mm)
PTH05000W —5-V Input


Similar Part No. - PTH05000WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05000WAS TI-PTH05000WAS Datasheet
401Kb / 14P
Over-Temperature Protection, Output Current Limit, Up to 6-A Output Current
PTH05000WAS TI2-PTH05000WAS Datasheet
466Kb / 14P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED DECEMBER 2003
PTH05000WAS.B TI2-PTH05000WAS.B Datasheet
466Kb / 14P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED DECEMBER 2003
PTH05000WAST TI-PTH05000WAST Datasheet
401Kb / 14P
Over-Temperature Protection, Output Current Limit, Up to 6-A Output Current
More results

Similar Description - PTH05000WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05010W TI-PTH05010W Datasheet
308Kb / 16P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05050W TI-PTH05050W Datasheet
297Kb / 16P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH06T033 ASTEC-ATH06T033 Datasheet
532Kb / 14P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05050W TI-PTH05050W_07 Datasheet
1Mb / 22P
6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH03000W TI-PTH03000W_15 Datasheet
368Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03050W TI-PTH03050W_15 Datasheet
574Kb / 19P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com