Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 13 Page - Motorola, Inc

Part # DSP56300FM/AD
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM/AD Datasheet(HTML) 13 Page - Motorola, Inc

Back Button DSP56300FM/AD Datasheet HTML 9Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 10Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 11Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 12Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 13Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 14Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 15Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 16Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 156 page
background image
Signals/Connections
External Memory Expansion Port (Port A)
MOTOROLA
DSP56307 Technical Data
1-7
External Data Bus
External Bus Control
Table 1-7
External Data Bus Signals
Signal
Name
Type
State During
Reset
Signal Description
D0ÐD23
Input/
Output
Tri-stated
Data Bus
ÑWhen the DSP is the bus master,
D0ÐD23 are active-high, bidirectional
input/outputs that provide the bidirectional data
bus for external program and data memory
accesses. Otherwise, D0ÐD23 are tri-stated. These
lines have weak keepers to maintain the last state
even if all drivers are tri-stated.
Table 1-8
External Bus Control Signals
Signal
Name
Type
State During
Reset
Signal Description
AA0ÐAA3
RAS0ÐRAS3
Output
Output
Tri-stated
Address Attribute
ÑWhen defined as AA, these signals
can be used as chip selects or additional address lines.
The default use defines a priority scheme under which
only one AA signal can be asserted at a time. Setting the
AA priority disable (APD) bit (Bit 14) of the OMR, the
priority mechanism is disabled and the lines can be
used together as four external lines that can be decoded
externally into 16 chip select signals.
Row Address Strobe
ÑWhen defined as RAS, these
signals can be used as RAS for DRAM interface. These
signals are tri-statable outputs with programmable
polarity.
RD
Output Tri-stated
Read Enable
ÑWhen the DSP is the bus master, RD is
an active-low output that is asserted to read external
memory on the data bus (D0ÐD23). Otherwise, RD is
tri-stated.
WR
Output Tri-stated
Write Enable
ÑWhen the DSP is the bus master, WR is
an active-low output that is asserted to write external
memory on the data bus (D0ÐD23). Otherwise, the
signals are tri-stated.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com