Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 21 Page - Motorola, Inc

Part # DSP56300FM/AD
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM/AD Datasheet(HTML) 21 Page - Motorola, Inc

Back Button DSP56300FM/AD Datasheet HTML 17Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 18Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 19Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 20Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 21Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 22Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 23Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 24Page - Motorola, Inc DSP56300FM/AD Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
Signals/Connections
HI08
MOTOROLA
DSP56307 Technical Data
1-15
HA1
HA8
PB9
Input
Input
Input or
Output
Input
Host Address Input 1
ÑWhen the HI08 is
programmed to interface a nonmultiplexed host bus
and the HI function is selected, this signal is line 1 of
the host address (HA1) input bus.
Host Address 8
ÑWhen HI08 is programmed to
interface a multiplexed host bus and the HI function
is selected, this signal is line 8 of the host address
(HA8) input bus.
Port B 9
ÑWhen the HI08 is configured as GPIO
through the HPCR, this signal is individually
programmed as an input or output through the
HDDR.
Note:
This signal has a weak keeper to maintain the last state
even if all drivers are tri-stated.
HA2
HA9
PB10
Input
Input
Input or
Output
Input
Host Address Input 2
ÑWhen the HI08 is
programmed to interface a nonmultiplexed host bus
and the HI function is selected, this signal is line 2 of
the host address (HA2) input bus.
Host Address 9
ÑWhen HI08 is programmed to
interface a multiplexed host bus and the HI function
is selected, this signal is line 9 of the host address
(HA9) input bus.
Port B 10
ÑWhen the HI08 is configured as GPIO
through the HPCR, this signal is individually
programmed as an input or output through the
HDDR.
Note:
This signal has a weak keeper to maintain the last state
even if all drivers are tri-stated.
Table 1-10
Host Interface (Continued)
Signal Name
Type
State
During
Reset
Signal Description
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com