Electronic Components Datasheet Search
  English  ▼

X  

2N930 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N930
Description  NPN LOW POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N930 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N930 Datasheet HTML 1Page - Microsemi Corporation 2N930 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN LOW POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/253
Devices
Qualified Level
2N930
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
45
Vdc
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current
IC
30
mAdc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +25
0C(2)
PT
300
600
mW
Operating & Storage Junction Temperature Range
TJ, Tstg
-55 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
97
0C/W
1) Derate linearly 2.0 mW/
0C above TA = +250C
2) Derate linearly 4.0 mW/
0C above TC = +250C
TO- 18*
(TO-206AA)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = +25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
45
Vdc
Collector-Base Cutoff Current
VCB = 60 Vdc
VCB = 45 Vdc
ICBO
10
10
µAdc
ηAdc
Emitter-Base Cutoff Current
VEB = 6.0 Vdc
VEB = 5.0 Vdc
IEBO
10
5.0
µAdc
ηAdc
Collector-Emitter Cutoff Current
VCE = 45 Vdc
ICES
2.0
ηAdc
Collector-Base Cutoff Current
VCE = 5.0 Vdc
ICEO
2.0
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N930

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N930 STMICROELECTRONICS-2N930 Datasheet
40Kb / 2P
LOW-LEVEL, LOW-NOISE AMPLFIERS
logo
Semicoa Semiconductor
2N930 SEMICOA-2N930 Datasheet
31Kb / 1P
Chip Type 2C2484 Geometry 0307 Polarity NPN
logo
Boca Semiconductor Corp...
2N930 BOCA-2N930 Datasheet
144Kb / 4P
AMPLIFIER TRANSISTOR (NPN SILICON)
logo
Micro Electronics
2N930 MICRO-ELECTRONICS-2N930 Datasheet
147Kb / 2P
COMPLEMENTARY SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
New Jersey Semi-Conduct...
2N930 NJSEMI-2N930 Datasheet
113Kb / 1P
NPN HIGH SPEED SATURATED SWITCHES
More results

Similar Description - 2N930

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
NPN SILICON LOW POWER TRANSISTOR
REV. A
logo
Microsemi Corporation
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
NPN LOW POWER SILICON TRANSISTOR
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com