Electronic Components Datasheet Search
  English  ▼

X  

2N930 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N930
Description  NPN LOW POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N930 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N930 Datasheet HTML 1Page - Microsemi Corporation 2N930 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N930, JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 10 µAdc, VCE = 5.0 Vdc
IC = 500 µAdc, VCE = 5.0 Vdc
IC = 10 mAdc, VCE = 5.0 Vdc
hFE
100
150
300
600
Collector-Emitter Saturation Voltage
IC = 10 mAdc, IB = 0.5 mAdc
VCE(sat)
1.0
Vdc
Base-Emitter Saturation Voltage
IC = 10 mAdc, IB = 0.5 mAdc
VBE(sat)
0.6
1.0
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC = 500 µAdc, VCE = 5.0 Vdc, f = 30 MHz
h
fe
1.5
6.0
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz
hfe
150
600
Small-Signal Short-Circuit Input Impedance
VCB = 5.0 Vdc, IE = 1.0 mAdc, f = 1.0 kHz
hib
25
32
Ω
Small-Signal Short-Circuit Output Admittance
VCB = 5.0 Vdc, IE = 1.0 mAdc, f = 1.0 kHz
hob
1.0
µΩ
Output Capacitance
VCB = 5.0 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
8.0
pF
Noise Figure
VCE = 5 Vdc; IC = 10
µAdc; R
g =10k
Ω
Test 1: f = 100 Hz
Test 2: f = 1.0 kHz
Test 3: f = 10 kHz
NF
5
3
3
dB
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com