Electronic Components Datasheet Search
  English  ▼

X  

34671 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 34671
Description  High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

34671 Datasheet(HTML) 4 Page - NXP Semiconductors

  34671 Datasheet HTML 1Page - NXP Semiconductors 34671 Datasheet HTML 2Page - NXP Semiconductors 34671 Datasheet HTML 3Page - NXP Semiconductors 34671 Datasheet HTML 4Page - NXP Semiconductors 34671 Datasheet HTML 5Page - NXP Semiconductors 34671 Datasheet HTML 6Page - NXP Semiconductors 34671 Datasheet HTML 7Page - NXP Semiconductors 34671 Datasheet HTML 8Page - NXP Semiconductors 34671 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34671
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Input Voltage Range
VIN Pin
PPR and CHG Pins
EN, BAT, ISET, and FAST Pins
VIN
VPPR, VCHG
VEN, VBAT,
VISET, VFAST
-0.3 to 28
-0.3 to 12
-0.3 to 5.5
V
ESD Voltage(1)
Human Body Model (HBM)
Machine Model (MM)
VESD
±2000
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 85
-40 to 150
°C
Storage Temperature
TSTG
-65 to 150
°C
Thermal Resistance(2)
Junction-to-Case
Junction-to-Ambient
RθJC
RθJA
10
70
°C/W
Peak Package Reflow Temperature During Reflow(3),(4)
TPPRT
Note 4
°C
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100pF, RZAP = 1500Ω), and the Machine Model
(MM) (CZAP = 200pF, RZAP = 0Ω).
2.
Device mounted on the Freescale EVB test board per JEDEC DESD51-2.
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com