Electronic Components Datasheet Search
  English  ▼

X  

34671 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 34671
Description  High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

34671 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 34671 Datasheet HTML 5Page - NXP Semiconductors 34671 Datasheet HTML 6Page - NXP Semiconductors 34671 Datasheet HTML 7Page - NXP Semiconductors 34671 Datasheet HTML 8Page - NXP Semiconductors 34671 Datasheet HTML 9Page - NXP Semiconductors 34671 Datasheet HTML 10Page - NXP Semiconductors 34671 Datasheet HTML 11Page - NXP Semiconductors 34671 Datasheet HTML 12Page - NXP Semiconductors 34671 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34671
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 10. VISET vs Charge Current
VIN = 5.0V, TA = 25°C
Figure 11. Charge Current vs VBAT
VIN = 5.0V, TA = 25°C
Figure 12. VBAT vs Temperature
VIN = 5.0V, IBAT = 0mA
Figure 13. Constant Charge Current vs Temperature
VIN = 5.0V, VBAT = 3.9V
Figure 14. Trickle Charge Current vs Temperature
VIN = 5.0V, VBAT = 2.0V
Figure 15. VISET vs Temperature
VIN = 5.0V
0
100
200
300
400
500
600
0.0
0.2
0.4
0.6
0.8
1.0
1.2
R
ISET=4.36 kΩ
Charge Current (mA)
R
ISET=8.80 kΩ
12
3
4
0
50
100
150
200
250
300
350
R
ISET=17.80 kΩ
V
BAT (V)
R
ISET=8.80 kΩ
-40
-20
0
2040
6080
4.00
4.05
4.10
4.15
4.20
4.25
4.30
Temperature (
oC)
-40
-20
0
20
406080
0
100
200
300
400
500
600
700
R
ISET=8.51 kΩ
R
ISET=17.21 kΩ
Temperature (
oC)
R
ISET=4.27 kΩ
-40
-20
0
2040
6080
0
25
50
75
100
125
150
R
ISET=17.21 kΩ
R
ISET=8.51 kΩ
Temperature (
oC)
R
ISET=4.27 kΩ
-40
-20
0
20
40
60
80
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com