Electronic Components Datasheet Search
  English  ▼

X  

D77178 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # D77178
Description  N--Channel Enhancement--Mode Lateral MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

D77178 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button D77178 Datasheet HTML 8Page - NXP Semiconductors D77178 Datasheet HTML 9Page - NXP Semiconductors D77178 Datasheet HTML 10Page - NXP Semiconductors D77178 Datasheet HTML 11Page - NXP Semiconductors D77178 Datasheet HTML 12Page - NXP Semiconductors D77178 Datasheet HTML 13Page - NXP Semiconductors D77178 Datasheet HTML 14Page - NXP Semiconductors D77178 Datasheet HTML 15Page - NXP Semiconductors D77178 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
AFT23H201--24SR6
P3dB -- TYPICAL PEAKING SIDE LOAD PULL CONTOURS — 2350 MHz
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Gain
Drain Efficiency
Linearity
Output Power
–42
–38
–36
–34
–32
–30
–40
50.5
51
50
51.5
52
52.5
53
–1
2
34
0
5
1
Figure 20. P3dB Load Pull Output Power Contours (dBm)
REAL ()
0
2
34
5
1
Figure 21. P3dB Load Pull Efficiency Contours (%)
REAL ()
64
58
60
66
62
52
54
56
P
E
–1
2
34
0
5
1
Figure 22. P3dB Load Pull Gain Contours (dB)
REAL ()
12.5
13
12
11.5
P
E
–1
2
34
0
5
1
Figure 23. P3dB Load Pull AM/PM Contours ()
REAL ()
P
E
P
E
53.5
–2
–3
–4
–5
–6
–1
–2
–3
–4
–5
–6
68
–2
–3
–4
–5
–6
11
10.5
10
–2
–3
–4
–5
–6
–46
–44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com