Electronic Components Datasheet Search
  English  ▼

X  

AS3679293 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS3679293
Description  Super-Size AkroBin® Lids
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS3679293 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS3679293 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS3679293 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30290 with
21283
Window
30293MOB
with
Mobile Kit
30281 with 40281
Length Divider
30284 with 41284
Width Divider
30292 with 29304
Card Stock Holder
Super-Size AkroBins
Outside Dimensions (In.)
Inside Dimensions (In.)
Capacity/Quantity
Accessories
Model No.
L
W
H
L
W
H
X
Max. Cap.
per Bin
Stacking
Cap./= Qty.
Stacked
Ctn.
Qty.
Width
Dividers*
Length
Dividers*
Divider
Pkg. Qty.
W
L
Bin Lids
Lid
Pkg.
Qty.
Windows
Window
Pkg. Qty.
Card Stock
Holder
30280
20
12-3/8
6
16-7/8 10-11/16
5-3/8
15-1/2
200 lbs.
40 lb./10
4
–
40280 (3)
–
2
30280L
4
21280
2
29304
30281
20
12-3/8
8
16-7/8 10-11/16
7-3/8
15-1/2
200 lbs.
50 lb./7
3
–
40281 (3)
–
3
30281L
3
21281
3
29304
30282
20
12-3/8
12
16-7/8 10-11/16
11-3/8
15-1/2
200 lbs.
60 lb./5
2
–
40282 (3)
–
1
30282L
2
21282
2
29304
30283
20
18-3/8
12
16-7/8
16-9/16
11-3/8
15-1/2
300 lbs.
150 lb./5
1
–
40282 (3)
–
1
30283L
1
21283
1
29304
30284
23-7/8
8-1/4
7
20-7/8
6-3/8
6-1/8
19-3/8
200 lbs.
150 lb./5
4
41284 (2)
40286 (1)
2
4
–
–
21284
4
29304
30286
23-7/8
11
7
20-7/8
9-1/8
6-1/8
19-5/16
200 lbs.
150 lb./5
4
41286 (2)
40286 (3)
2
4
30286L
4
21286
4
29304
30287
23-7/8
11
10
20-3/4
9
9-1/8
19-5/16
300 lbs.
150 lb./5
4
41287 (2)
40287 (3)
6
6
–
–
21287
4
29304
30288
23-7/8
16-1/2
11
20-3/4
14-3/8
10-1/8
19-5/16
300 lbs.
150 lb./5
1
41288 (2)
40287 (3)
6
6
–
–
21288
1
29304
30288MOB‡
Mobile 30288 bin with 3”locking casters**
200 lbs.
–
1
41288 (2)
40287 (3)
6
6
–
–
21288
1
29304
30289
23-7/8
18-1/4
12
20-3/4
16
11-1/8
19-1/4
300 lbs.
150 lb./5
1
41289 (2)
40289 (3)
2
1
–
–
21289
1
29304
30289MOB‡
Mobile 30289 bin with 3”locking casters**
200 lbs.
–
1
41289 (2)
40289 (3)
2
1
–
–
21289
1
29304
30290
29-1/4
18-3/8
12
26-1/8
16-9/16
11-3/8
24-3/4
300 lbs.
150 lb./5
1
–
40290 (3)
–
1
30290L
1
21283
1
29304
30290MOB‡
Mobile 30290 bin with 3”locking casters**
200 lbs.
–
1
–
40290 (3)
–
1
–
–
21283
1
29304
30292
29-7/8
11
10
26-3/4
9
9-1/8
25-5/16
300 lbs.
150 lb./5
4
41287 (2)
40292 (3)
6
6
–
–
21287
4
29304
30292MOB‡
Mobile 30292 bin with 3”locking casters**
200 lbs.
–
4
41287 (2)
40292 (3)
6
6
–
–
21287
4
29304
30293
29-7/8
16-1/2
11
26-3/4
14-3/8
10-1/8
25-5/16
300 lbs.
150 lb./5
1
41288 (2)
40292 (3)
6
6
–
–
21288
1
29304
30293MOB‡
Mobile 30293 bin with 3”locking casters**
200 lbs.
–
1
41288 (2)
40292 (3)
6
6
–
–
21288
1
29304
One color per carton: Specify Red, Blue,Yellow, Clear or Gray. Not recommended to hang on rack or panel systems. Order in carton quantities. * ( ) = Max. # of divider slots per bin. ‡Assembly required. **Add 3”to overall height of bin with casters.
30283 with
30283L Lid
• Heavy-duty, industrial-grade polymer bins stack securely atop each other, even with lids in place
• Easy to carry with large handle molded onto back of bin
Super-Size AkroBin® Lids
Industry-standard large capacity stacking bins


Similar Part No. - AS3679293

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
AS3675-ZWLT AMSCO-AS3675-ZWLT Datasheet
4Mb / 81P
Flexible Lighting Management Unit
AS3676 AMSCO-AS3676 Datasheet
4Mb / 92P
Flexible Lighting Management
AS3676-ZWLT AMSCO-AS3676-ZWLT Datasheet
4Mb / 92P
Flexible Lighting Management
AS3677 AMSCO-AS3677 Datasheet
4Mb / 68P
Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
More results

Similar Description - AS3679293

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB6W ETC2-MB6W Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
logo
Molex Electronics Ltd.
130135-0168 MOLEX11-130135-0168 Datasheet
24Kb / 1P
Super-Safeway Multiple Outlet Box with Flip Lids
130135-0174 MOLEX11-130135-0174 Datasheet
23Kb / 1P
Super-Safeway Multiple Outlet Box with Flip Lids
130138-0036 MOLEX11-130138-0036 Datasheet
49Kb / 1P
Super-Safeway Multiple Outlet Coverplate, Double Duplex with Flip Lids
130138-0046 MOLEX11-130138-0046 Datasheet
43Kb / 1P
Super-Safeway Multiple Outlet Coverplate, (1) GFCI & (1) Duplex with Flip Lids
logo
Diodes Incorporated
SBR12A45SP5 DIODES-SBR12A45SP5 Datasheet
561Kb / 5P
12A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015
SBR5E45P5 DIODES-SBR5E45P5 Datasheet
237Kb / 5P
5A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
SBR8A45SP5 DIODES-SBR8A45SP5 Datasheet
357Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®
June 2015
SBR8A60P5 DIODES-SBR8A60P5 Datasheet
455Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
March 2015
SBR8E60P5 DIODES-SBR8E60P5 Datasheet
236Kb / 5P
8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
July 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com