Electronic Components Datasheet Search
  English  ▼

X  

AS3679293 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS3679293
Description  Super-Size AkroBin® Lids
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS3679293 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS3679293 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS3679293 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UP TO
900
LBS.
Super-Size AkroBin Steel Shelving Systems
Bin Dimensions (In.)
Shelf Dimensions (In.)
Quantity
Model Number
Description
Super-Size AkroBin
Colors
L
W
H
D
L
H
Bins
Shelves
AS2479284
24˝ Shelving with 30284 Bins
B, R,Y, SC
23-7/8
8-1/4
7
24
36
79
32‡
9
AS2479287
24˝ Shelving with 30287 Bins
B, R,Y, SC
23-7/8
11
10
24
36
79
24‡
3
AS2479288
24˝ Shelving with 30288 Bins
B, R,Y, SC
23-7/8
16-1/2
11
24
36
79
12
4
AS2479ASSORT
24˝ Shelving with 30287/30288 Bins
B, R,Y, SC
See Above
24
36
79
12 / 6
3
AS3679292
30˝ Shelving with 30292 Bins
B, R,Y, SC
29-7/8
11
10
30
36
79
24
3
AS3679293
30˝ Shelving with 30293 Bins
B, R,Y, SC
29-7/8
16-1/2
11
30
36
79
12
4
AS3679ASSORT
30˝ Shelving with 30292/30293 Bins
B, R,Y, SC
See Above
30
36
79
12/6
3
Bin color code: R=Red, B=Blue,Y=Yellow, SC=Clear. Specify one bin color when ordering. ‡Bonus bins included.
Super-Size AkroBinWire Shelving Systems
Bin Dimensions (In.)
Shelf Dimensions (In.)
Quantity
Model No.
Description
Super-Size AkroBin
Colors
L
W
H
D
L
H
Bins
Shelves
AWS184830280
Wire Shelving w/ 30280 Bins
R, B,Y, SC
20
12-3/8
6
18
48
74
24
9
AWS184830281
Wire Shelving w/ 30281 Bins
R, B,Y, SC
20
12-3/8
8
18
48
74
18
7
AWS184830282
Wire Shelving w/ 30282 Bins
R, B,Y, SC
20
12-3/8
12
18
48
74
12
5
AWS184830283
Wire Shelving w/ 30283 Bins
R, B,Y, SC
20
18
12
18
48
74
8
5
AWS1848SAB
Wire Shelving w/ 30280,
281, 282, 283 Bins
R, B,Y, SC
See Above
18
48
74
4 / 3 / 4 / 4‡
6
AWS24360284
Wire Shelving w/ 30284 Bins
R, B,Y, SC
23-7/8
8-1/4
7
24
36
74
28
8
AWS24360287
Wire Shelving w/ 30287 Bins
R, B,Y, SC
23-7/8
11
10
24
36
74
16‡
6
AWS24360288
Wire Shelving w/ 30288 Bins
R, B,Y, SC
23-7/8 16-1/2
11
24
36
74
12
3
AWS24360SAB
Wire Shelving w/ 30287 & 30288 Bins
R, B,Y, SC
See Above
24
36
74
12 / 6‡
3
AWS24361288
Wire Shelving w/ 30288 Bins
R, B,Y, SC
23-7/8 16-1/2
11
24
36
63
10
3
Bin color code: R=Red, B=Blue,Y=Yellow, SC=Clear. Specify one bin color when ordering. ‡Bonus bins included.
Super-Size AkroBin Steel Dollies
Dimensions (In.)
Capacity/Quantity
Model No.
Bin Compatibility
L
W
H
Casters
Ctn. Qty.
Capacity
RU843HR2018
30280, 30281, 30282 & 30283 Bins
– Fits 1 wide
17-13/16 18-3/8
4-11/16
3˝ Polyolefin
1
900 lbs.
RU843HR2918
30290 Bins – Fits 1 wide
26-13/16 18-3/8
4-11/16
3˝ Polyolefin
1
900 lbs.
RU843TP2122
30286 & 30287 Bins – Fits 2 wide
20-7/8
21-7/8
4-11/16
3˝ Polyolefin
1
900 lbs.
RU843TP2227
30292 Bins – Fits 2 wide
21-7/8
26-7/8
4-11/16
3˝ Polyolefin
1
900 lbs.
RU843TP1721
30284 Bins – Fits 2 wide
30288 Bins – Fits 1 wide
16-1/2
20-7/8
4-11/16
3˝ Polyolefin
1
900 lbs.
RU843TP1727
30293 Bins – Fits 1 wide
16-1/2
26-7/8
4-11/16
3˝ Polyolefin
1
900 lbs.
RU843TP1821
30289 Bins – Fits 1 wide
18-1/2
20-7/8
4-11/16
3˝ Polyolefin
1
900 lbs.
Bins sold separately.
Super-Size AkroBin Steel Carts
Dimensions (In.)
Accessories
Capacity/Qty.
Model No.
Bin Compatibility
L
W
H
No. of
Handles
Security Bar
Capacity
(lbs.)
Ctn.
Qty.
R214CS1841
Six 30283 Bins
41
18
48
2
RSSAKBINHDDWN6
900
1
R214CS1859
Nine 30283 Bins
59
18
48
2
RSSAKBINHDDWN9
1350
1
R214CS1878
Twelve 30283 Bins
78
18
48
2
RSSAKBINHDDWN12
1500
1
R214CS2841
Six 30290 Bins
41
27-1/2
48
2
RSSAKBINHDDWN6
900
1
R214CS2859
Nine 30290 Bins
59
27-1/2
48
2
RSSAKBINHDDWN9
1350
1
R214CS2878
Twelve 30290 Bins
78
27-1/2
48
2
RSSAKBINHDDWN12
1500
1
R216CS2236
Sixteen 30284 Bins or six 30286 Bins or
six 30287 Bins or four 30288 Bins
35-1/2 22-1/8
35
1
–
900
1
R216CS2836
Six 30292 Bins or four 30293 Bins
35-1/2 28-1/8
35
1
–
900
1
R216CS2239
Four 30289 Bins
35-1/2 22-1/8
39
1
–
900
1
Optional security bar available for all sizes. Bins sold separately.
©2015 Akro-Mils/Myers Industries, Inc. #AKM507 05/15
Super-Size AkroBin Shelving Systems
Super-Size AkroBin Dollies & Carts
AWS184830280Y
AS3679292B
UP TO
2000
LBS.
UP TO
6500
LBS.
UP TO
1500
LBS.
R214CS1878
with 30283BLUE and
RSSAKBINHDDWN12
RU843TP1721
with 30284RED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com