Electronic Components Datasheet Search
  English  ▼

X  

2SC4346-Z Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4346-Z
Description  SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4346-Z Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4346-Z Datasheet HTML 1Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 2Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 3Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 4Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 5Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 6Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SC4346,4346-Z
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
DATA SHEET
Document No. D17082EJ3V0DS00 (3rd edition)
Date Published July 2006 NS CP(K)
Printed in Japan
2004
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SC4346
TO-251 (MP-3)
2SC4346-Z
TO-252 (MP-3Z)
DESCRIPTION
The 2SC4346 is a mold power transistor developed for
high-speed switching, high voltage switching, and is ideal
for use as a driver in devices such as switching regulators,
DC/DC converters, and high-frequency power amplifiers.
FEATURES
• Small package, but can control for high-current
• Low collector saturation voltage
VCE(sat) = 1.0 V MAX. (IC = 2.0 A)
• Ultra high-speed switching
tf = 0.3
μs MAX. (IC = 2.0 A)
• Base reverse bias safe operating area is wide
VCEX(SUS)1 = 450 V MIN. (IC = 2.0 A)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
500
V
Collector to Emitter Voltage
VCEO
400
V
Emitter to Base Voltage
VEBO
8.0
V
Collector Current (DC)
IC(DC)
5.0
A
Collector Current (pulse)
IC(pulse)
Note1
10
A
Base Current (DC)
IB(DC)
2.5
A
Total Power Dissipation
PT1 (TC = 25°C)
18
W
Total Power Dissipation
PT2 (TA = 25°C)
1.0
Note2, 2.0 Note3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. Mounted on print board
3. Mounted on ceramic substrate of 7.5 cm
2 x 0.7 mm
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com