Electronic Components Datasheet Search
  English  ▼

X  

2SC4346-Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4346-Z
Description  SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4346-Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4346-Z Datasheet HTML 1Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 2Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 3Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 4Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 5Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 6Page - Renesas Technology Corp 2SC4346-Z Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet D17082EJ3V0DS
2
2SC4346,4346-Z
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector to Emitter Voltage
VCEO(SUS)
IC = 2.0 A, IB1 = 0.4 A, L = 1 mH
400
V
VCEX(SUS)1
IC = 2.0 A, IB1 =
−IB2 = 0.4 A,
L = 180
μH, Clamped
450
V
VCEX(SUS)2
IC = 4.0 A, IB1 = 1.0 A,
−IB2 = 0.4 A,
L = 180
μH, Clamped
400
V
Collector Cut-off Current
ICBO
VCB = 400 V, IE = 0
10
μA
ICER
VCB = 400 V, RBE = 51
Ω, TA = 125°C
1.0
mA
ICEX1
VCB = 400 V, VBE(OFF) =
−5 V
100
μA
ICEX2
VCB = 400 V, VBE(OFF) =
−5 V, TA = 125°C
1.0
mA
Emitter Cut-off Current
IEBO
VEB = 5.0 V, IC = 0
10
μA
DC Current Gain
Note
hFE1
VCE = 5.0 V, IC = 5 mA
15
hFE2
VCE = 5.0 V, IC = 0.5 A
20
80
hFE3
VCE = 5.0 V, IC = 2.0 A
10
Collector Saturation Voltage
Note
VCE(sat)
IC = 2.0 A, IB = 0.4 A
0.5
1.0
V
Base Saturation Voltage
Note
VBE(sat)
IC = 2.0 A, IB = 0.4 A
1.0
1.5
V
Turn-on Time
ton
IC = 2.0 A, RL = 75
Ω
0.7
μs
Storage Time
tstg
IB1 =
−IB2 = 0.4 A, VCC 150 V
2.5
μs
Fall Time
tf
See Test Circuit
0.3
μs
Note Pulsed
hFE CLASSIFICATION
Marking
M
L
K
hFE2
20 to 40
30 to 60
40 to 80
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
VCC = 150 V
RL = 75
Ω
IB1
IB2
IC
IC
T.U.T.
VIN
PW
PW = 50 s
μ
−VBB = −5 V
Duty Cycle
≤ 2 %
Base current
waveform
Collector current
waveform
ton
tstg tf
90 %
IB2
IB1
10 %



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com