Electronic Components Datasheet Search
  English  ▼

X  

MT-101 Datasheet(PDF) 13 Page - IDEC Corporation

Part # MT-101
Description  A6 Series — Miniature Switches and Pilot Devices: 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

MT-101 Datasheet(HTML) 13 Page - IDEC Corporation

Back Button MT-101 Datasheet HTML 6Page - IDEC Corporation MT-101 Datasheet HTML 7Page - IDEC Corporation MT-101 Datasheet HTML 8Page - IDEC Corporation MT-101 Datasheet HTML 9Page - IDEC Corporation MT-101 Datasheet HTML 10Page - IDEC Corporation MT-101 Datasheet HTML 11Page - IDEC Corporation MT-101 Datasheet HTML 12Page - IDEC Corporation MT-101 Datasheet HTML 13Page - IDEC Corporation MT-101 Datasheet HTML 14Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
553
800-262-IDEC (4332) • USA & Canada
ø16mm - A6 Series
Switches & Pilot Devices
1705151131
Switch Guard, Ø 5/8” (16mm)
Rubber Gasket
(90°/110° opening type)
(180° opening type)
Rubber Gasket
34
14
28
32
Panel Thickness
0.5 to 5
Panel Thickness
0.5 to 5
R22
14
28
24
25 minimum
19 minimum
18
Panel Thickness
0.5 to 5
Rubber
Gasket
Waterproof Gasket
for Switch Guard
34
14
28
R22
24
25 min.
19 min.
18
0.4
Flush Bezel
Flush Bezel with Switch
Round
ø18
24
30
ø18
0.9
0.8
9.8
2
8.5
2
8.5
2
9.3
Mounting
Bracket
Gasket
Flush
Bezel
Metal
Plastic
29
8
1
Panel Thickness 0.5 to 5
2
43
9
Panel Thickness 0.5 to 5
2
Square
Selector Switches
Illuminated &
Non-illuminated
2
8.5
Key
2
18.1
Lever
2
17
Rectangular
Flush Bezel Mounting Hole Layout
Round
Square
Rectangular
24 min.∗
24 min.∗
30 min.∗
20.2 –0.1
+0.2
26.2 –0.1
+0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com