Electronic Components Datasheet Search
  English  ▼

X  

MT-101 Datasheet(PDF) 2 Page - IDEC Corporation

Part # MT-101
Description  A6 Series — Miniature Switches and Pilot Devices: 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

MT-101 Datasheet(HTML) 2 Page - IDEC Corporation

  MT-101 Datasheet HTML 1Page - IDEC Corporation MT-101 Datasheet HTML 2Page - IDEC Corporation MT-101 Datasheet HTML 3Page - IDEC Corporation MT-101 Datasheet HTML 4Page - IDEC Corporation MT-101 Datasheet HTML 5Page - IDEC Corporation MT-101 Datasheet HTML 6Page - IDEC Corporation MT-101 Datasheet HTML 7Page - IDEC Corporation MT-101 Datasheet HTML 8Page - IDEC Corporation MT-101 Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ø16mm - A6 Series
Switches & Pilot Devices
542
www.IDEC.com
1705151131
AB6 Non-Illuminated Pushbuttons (Assembled)
Non-Illuminated Pushbuttons
Style
Contact
Part Number
Momentary
Maintained (Latching)
Dustproof (IP40)
Oiltight (IP65)
Dustproof (IP40)
Oiltight (IP65)
Round 18mm
SPDT
DPDT
AB6M-M1-➀
AB6M-M2-➀
AB6M-M1P-➀
AB6M-M2P-➀
AB6M-A1-➀
AB6M-A2-➀
AB6M-A1P-➀
AB6M-A2P-➀
Square 18mm
SPDT
DPDT
AB6Q-M1-➀
AB6Q-M2-➀
AB6Q-M1P-➀
AB6Q-M2P-➀
AB6Q-A1-➀
AB6Q-A2-➀
AB6Q-A1P-➀
AB6Q-A2P-➀
Rectangular 18mm x 24mm
SPDT
DPDT
AB6H-M1-➀
AB6H-M2-➀
AB6H-M1P-➀
AB6H-M2P-➀
AB6H-A1-j
AB6H-A2-j
AB6H-A1P-➀
AB6H-A2P-➀
Round 23.5mm
SPDT
DPDT
–
AB6M-M1P-M➁
AB6M-M2P-M➁
–
AB6M-A1P-M➀
AB6M-A2P-M➀
Square 23.5mm
SPDT
DPDT
–
AB6Q-M1P-Q➀
AB6Q-M2P-Q➀
–
AB6Q-A1P-Q➀
AB6Q-A2P-Q➀
Rectangular 17.5 X 23.5mm
SPDT
DPDT
–
AB6Q-M1P-H➀
AB6Q-M2P-H➀
–
AB6Q-A1P-H➀
AB6Q-A2P-H➀
j
Button Color Code
Color
Code
Black
B
Green
G
Red
R
Blue
S
White
W
Yellow
Y
1. In place of ➀ specify Button Color Code
from the table at right.
2. To order as sub-assembled, see page 459.
3. For accessories, see page 466.
4. For dimensions, see page 468.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com