Electronic Components Datasheet Search
  English  ▼

X  

LVC157A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LVC157A
Description  Quad 2-input multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC157A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LVC157A Datasheet HTML 5Page - NXP Semiconductors LVC157A Datasheet HTML 6Page - NXP Semiconductors LVC157A Datasheet HTML 7Page - NXP Semiconductors LVC157A Datasheet HTML 8Page - NXP Semiconductors LVC157A Datasheet HTML 9Page - NXP Semiconductors LVC157A Datasheet HTML 10Page - NXP Semiconductors LVC157A Datasheet HTML 11Page - NXP Semiconductors LVC157A Datasheet HTML 12Page - NXP Semiconductors LVC157A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2003 Dec 02
9
Philips Semiconductors
Product specification
Quad 2-input multiplexer
74LVC157A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. All typical values are measured at Tamb =25 °C.
2. This typical value is measured at VCC = 3.3 V and Tamb =25 °C.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPHL/tPLH
propagation delay nI0,
nI1 to nY
see Figs 8 and 9 1.2
−
16
−
ns
2.7
1.0
3.0
5.9
ns
3.0 to 3.6
1.0
2.6(2)
5.2
ns
propagation delay E to nY
see Figs 7 and 9 1.2
−
17
−
ns
2.7
1.0
3.4
7.8
ns
3.0 to 3.6
1.0
2.8(2)
6.5
ns
propagation delay S to nY
see Figs 8 and 9 1.2
−
16
−
ns
2.7
1.0
3.0
7.3
ns
3.0 to 3.6
1.0
2.6(2)
6.3
ns
tsk(0)
skew
note 3
3.0 to 3.6
−−
1.0
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nI0,
nI1 to nY
see Figs 8 and 9 1.2
−−−
ns
2.7
1.0
−
7.5
ns
3.0 to 3.6
1.0
−
6.5
ns
propagation delay E to nY
see Figs 7 and 9 1.2
−−−
ns
2.7
1.0
−
10.0
ns
3.0 to 3.6
1.0
−
8.5
ns
propagation delay S to nY
see Figs 8 and 9 1.2
−−−
ns
2.7
1.0
−
9.5
ns
3.0 to 3.6
1.0
−
8.0
ns
tsk(0)
skew
note 3
3.0 to 3.6
−−
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com