Electronic Components Datasheet Search
  English  ▼

X  

LVC157A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LVC157A
Description  Quad 2-input multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC157A Datasheet(HTML) 3 Page - NXP Semiconductors

  LVC157A Datasheet HTML 1Page - NXP Semiconductors LVC157A Datasheet HTML 2Page - NXP Semiconductors LVC157A Datasheet HTML 3Page - NXP Semiconductors LVC157A Datasheet HTML 4Page - NXP Semiconductors LVC157A Datasheet HTML 5Page - NXP Semiconductors LVC157A Datasheet HTML 6Page - NXP Semiconductors LVC157A Datasheet HTML 7Page - NXP Semiconductors LVC157A Datasheet HTML 8Page - NXP Semiconductors LVC157A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2003 Dec 02
3
Philips Semiconductors
Product specification
Quad 2-input multiplexer
74LVC157A
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
E
S
nI0
nI1
nY
H
XXX
L
LLL
X
L
L
L
HXH
LH
X
L
L
L
HXH
H
TYPE NUMBER
TEMPERATURE
RANGE
PACKAGE
PINS
PACKAGE
MATERIAL
CODE
74LVC157AD
−40 to +125 °C
16
SO16
plastic
SOT109-1
74LVC157ADB
−40 to +125 °C
16
SSOP16
plastic
SOT338-1
74LVC157APW
−40 to +125 °C
16
TSSOP16
plastic
SOT403-1
74LVC157ABQ
−40 to +125 °C
16
DHVQFN16
plastic
SOT763-1
PIN
SYMBOL
DESCRIPTION
1
S
common data select input
2
1I0
data input from source 0
3
1I1
data input from source 1
4
1Y
multiplexer output
5
2I0
data input from source 0
6
2I1
data input from source 1
7
2Y
multiplexer output
8
GND
ground (0 V)
9
3Y
multiplexer output
10
3I1
data input from source 1
11
3I0
data input from source 0
12
4Y
multiplexer output
13
4I1
data input from source 1
14
4I0
data input from source 0
15
E
enable input (active LOW)
16
VCC
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com