Electronic Components Datasheet Search
  English  ▼

X  

VC162373ADL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # VC162373ADL
Description  16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC162373ADL Datasheet(HTML) 2 Page - NXP Semiconductors

  VC162373ADL Datasheet HTML 1Page - NXP Semiconductors VC162373ADL Datasheet HTML 2Page - NXP Semiconductors VC162373ADL Datasheet HTML 3Page - NXP Semiconductors VC162373ADL Datasheet HTML 4Page - NXP Semiconductors VC162373ADL Datasheet HTML 5Page - NXP Semiconductors VC162373ADL Datasheet HTML 6Page - NXP Semiconductors VC162373ADL Datasheet HTML 7Page - NXP Semiconductors VC162373ADL Datasheet HTML 8Page - NXP Semiconductors VC162373ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2004 Feb 05
2
Philips Semiconductors
Product specification
16-bit D-type transparent latch; 30
Ω series termination
resistors; 5 V tolerant inputs/outputs; 3-state
74LVC162373A;
74LVCH162373A
FEATURES
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 to 3.6 V
• CMOS low power consumption
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for
minimum noise and ground bounce
• Direct interface with TTL levels
• All data inputs have bushold (74LVCH162373A only)
• High-impedance when VCC =0V
• Complies with JEDEC standard no. 8-1A
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74LVC(H)162373A is a 16-bit D-type transparent
latch featuring separate D-type inputs for each latch and
3-state outputs for bus oriented applications. One latch
enable (pin nLE) input and one output enable (pin nOE)
are provided for each octal. Inputs can be driven from
either 3.3 or 5 V devices. In 3-state operation, outputs can
handle 5 V. These features allow the use of these devices
in a mixed 3.3 and 5 V environment.
The 74LVC(H)162373A consists of 2 sections of eight
D-type transparent latches with 3-state true outputs. When
pin nLE is HIGH, data at the corresponding data inputs
(pins nDn) enter the latches. In this condition the latches
are transparent, i.e., a latch output will change each time
its corresponding data inputs changes.
When pin nLE is LOW the latches store the information
that was present at the data inputs a set-up time preceding
the HIGH-to-LOW transition of pin nLE. When pin nOE is
LOW, the contents of the eight latches are available at the
outputs. When pin nOE is HIGH, the outputs go to the
high-impedance OFF-state. Operation of the nOE input
does not affect the state of the latches.
The 74LVCH162373A bushold data inputs eliminates the
need for external pull-up resistors to hold unused inputs.
The 74LVC(H)162373A is designed with 30
Ω series
termination resistors in both high and low output stages to
reduce line noise.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay nDn to nQn
CL = 50 pF; VCC = 3.3 V
3.3
ns
propagation delay nLE to nQn
CL = 50 pF; VCC = 3.3 V
3.5
ns
tPZH/tPZL
3-state output enable time nOE to nQn CL = 50 pF; VCC = 3.3 V
4.0
ns
tPHZ/tPLZ
3-state output disable time nOE to nQn CL = 50 pF; VCC = 3.3 V
3.4
ns
CI
input capacitance
5.0
pF
CPD
power dissipation per latch
VCC = 3.3 V; notes 1 and 2
outputs enabled
26
pF
outputs disabled
19
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com