Electronic Components Datasheet Search
  English  ▼

X  

VC162373ADL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # VC162373ADL
Description  16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC162373ADL Datasheet(HTML) 3 Page - NXP Semiconductors

  VC162373ADL Datasheet HTML 1Page - NXP Semiconductors VC162373ADL Datasheet HTML 2Page - NXP Semiconductors VC162373ADL Datasheet HTML 3Page - NXP Semiconductors VC162373ADL Datasheet HTML 4Page - NXP Semiconductors VC162373ADL Datasheet HTML 5Page - NXP Semiconductors VC162373ADL Datasheet HTML 6Page - NXP Semiconductors VC162373ADL Datasheet HTML 7Page - NXP Semiconductors VC162373ADL Datasheet HTML 8Page - NXP Semiconductors VC162373ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2004 Feb 05
3
Philips Semiconductors
Product specification
16-bit D-type transparent latch; 30
Ω series termination
resistors; 5 V tolerant inputs/outputs; 3-state
74LVC162373A;
74LVCH162373A
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
FUNCTION TABLE
Per section of eight bits; note 1
Note
1. H = HIGH voltage level;
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level;
l = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
Z = high-impedance OFF-state.
TYPE NUMBER
TEMPERATURE
RANGE
PACKAGE
PINS
PACKAGE
MATERIAL
CODE
74LVC162373ADGG
−40 to +125 °C
48
TSSOP48
plastic
SOT362-1
74LVCH162373ADGG
−40 to +125 °C
48
TSSOP48
plastic
SOT362-1
74LVC162373ADL
−40 to +125 °C
48
SSOP48
plastic
SOT370-1
74LVCH162373ADL
−40 to +125 °C
48
SSOP48
plastic
SOT370-1
OPERATING MODES
INPUT
INTERNAL
LATCH
OUTPUT nQn
nOE
nLE
nDn
Enable and read register (transparent mode)
L
H
L
L
L
LH
H
H
H
Latch and read register
L
L
l
L
L
LLh
H
H
Latch register and disable outputs
H
L
l
L
Z
HL
h
H
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com