Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G06 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC1G06
Description  Inverter with open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC1G06 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2004 Sep 07
8
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.0 ns.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C
tPHL/tPLH
propagation delay A to Y
see Figs 6 and 7
1.65 to 1.95
1.0
3
6.5
ns
2.3 to 2.7
0.5
1.9
4
ns
2.7
0.5
2.5
4.5
ns
3.0 to 3.6
0.5
2.3
4
ns
4.5 to 5.5
0.5
1.7
3
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay A to Y
see Figs 6 and 7
1.65 to 1.95
1.0
−
8.5
ns
2.3 to 2.7
0.5
−
5.5
ns
2.7
0.5
−
6ns
3.0 to 3.6
0.5
−
5.5
ns
4.5 to 5.5
0.5
−
4ns
handbook, full pagewidth
MNA621
tPLZ
VX
Y output
A input
VI
VCC
VM
VOL
GND
tPZL
VM
Fig.6 Input A to output Y propagation delay times.
VCC
VM
VX
VI
1.65 V to 1.95 V
0.5
× VCC
VOL + 0.15 V
VCC
2.3 V to 2.7 V
0.5
× VCC
VOL + 0.15 V
VCC
2.7 V
1.5 V
VOL + 0.3 V
2.7 V
3.0 V to 3.6 V
1.5 V
VOL + 0.3 V
2.7 V
4.5 V to 5.5 V
0.5
× V
CC
VOL + 0.3 V
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com