Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G06 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G06
Description  Inverter with open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G06 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2004 Sep 07
10
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT353
wB
M
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
Plastic surface mounted package; 5 leads
SOT353
UNIT
A1
max
bp
cD
E (2)
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
97-02-28
SC-88A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com