Electronic Components Datasheet Search
  English  ▼

X  

SB120 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # SB120
Description  SB® 120 Connectors Up to 240 Amps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SB120 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  SB120 Datasheet HTML 1Page - Anderson Power Products, Inc. SB120 Datasheet HTML 2Page - Anderson Power Products, Inc. SB120 Datasheet HTML 3Page - Anderson Power Products, Inc. SB120 Datasheet HTML 4Page - Anderson Power Products, Inc. SB120 Datasheet HTML 5Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
- 85 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 120 CONNECTOR SPECIFICATIONS
SB® 120 Silver Plated Busbar Contacts
Use 2 busbar contacts per housing to provide a quick disconnect input or
output busbar connection. Busbar contacts are for mating with wire contacts only.
Part number 120BBS includes lock nuts. Locknuts must be ordered separately
for B01997P1.
Mating
Type
Thread
Force
Loose Piece Part Numbers
Minimum Quantity
1,000
300
20
Busbar
10 to 24
High
-
B01997P1 120BBS
Lock Nut 10 to 24
-
H1216P8 -
110G54
See Busbar contact drawing on
website for further detail.
[ 77.0 ]
3.03
[ 11.1 ]
0.44
[ 9.5 ]
0.38
[ 2.5 ]
0.10
#10 - 24 THD
MECHANICAL
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
10 to 1
5.3 to 42.4
Max. Wire Insulation Diameter
in.
mm
0.600
15.240
Operating Temperature ²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant
-40 to 221°
-40° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Wire and Busbar Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
Wire to Wire
20
89
Min. Contact / Spring Retention Force
Lbf.
N
75
333.6
1 AWG
2 AWG
4 AWG
6 AWG
Amperes Applied
25
50
75
100
125
SB® 120
Derating vs. Ambient Temperature
0 25 50 75 100 125 150 175 200 225 250
0
10
20
30
40
50
60
0 25 50 75 100 125 150 175 200 225
1 AWG
2 AWG
4 AWG
6 AWG
Amperes Applied
SB® 120
Temperature Rise at Constant Current
Current - Temperature Derating per IEC 60512-5-2 Test 5B
SB® 120 CONNECTOR TEMPERATURE CHARTS - Temperature rise charts are based on a 25°C
ambient temperature.
MATERIALS
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire
960°C (GWFI) / 800°C
(GWIT)
Wire & Busbar Contacts
Base
Copper Alloy
Plating
Silver
Contact Termination Methods
Crimp ³
Wire Contacts
Hand Solder
Wire Contacts
Wrench / Socket
Busbar Contacts Only
Specifications continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com