Electronic Components Datasheet Search
  English  ▼

X  

SB120 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # SB120
Description  SB® 120 Connectors Up to 240 Amps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SB120 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  SB120 Datasheet HTML 1Page - Anderson Power Products, Inc. SB120 Datasheet HTML 2Page - Anderson Power Products, Inc. SB120 Datasheet HTML 3Page - Anderson Power Products, Inc. SB120 Datasheet HTML 4Page - Anderson Power Products, Inc. SB120 Datasheet HTML 5Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- 84 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 120 ORDERING INFORMATION
SB® 120 Connectors
Up to 240 Amps
Bottom View
Mated Length
[ 104.6 ]
4.12
[ 20.6 ]
0.81
Material ID
P = Chemical Resistant
[ 63.5 ]
2.50
[ 37.6 ]
1.48
[ 2.5 ]
0.10
[ 19.1 ]
0.75
[ 8.6 ]
0.34
[ 46.4 ]
1.83
[ 5.1 ]
Ø 0.20
(2) PLC’S
Like the other Multipole connectors, the SB®120 offers
color-coded mechanically keyed housings. Keys can
be used to identify and separate different circuits, or
prevent users from accidentally cross mating different
voltages. Wires sizes from 10 to 1 AWG (5.3 to 42.4 mm²)
are held in the second smallest SB® housing.
• New Extended Range Contacts Expand Wire Size up
to 1 AWG (42.4 mm²)
Allows UL rated currents up to 240 amps
• Chemical Resistant Housing Option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• Panel Mounting Grooves
With use of mounting clamps, can be easily mounted through panels
[ 50.8 ]
2.0
[ 21.3 ]
0.84
[ 10.4 ]
0.41
B
A
SB® 120 Standard Housings
The second to smallest SB® housings work with wire
contacts up to 1 AWG (35 mm²) as well as busbar
contacts. Genderless design mates with itself.
Mechanical keys are color-coded.
Description
Part Numbers
Minimum Quantity
250
50
Red
6810G3-BK
6810G3
Gray
6810G1-BK
6810G1
Blue
6810G2-BK
6810G2
SB® 120 Chemical Resistant (CR) Housings
Same features as the Standard SB® 120 but molded in a chemical
resistant PBT/PC blend. Suitable for use to -40°C.
Description
Part Numbers
Minimum Quantity
250
50
Red
P6810G3-BK P6810G3
Gray
P6810G1-BK P6810G1
SB® 120 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
See reducing bushings in accessory section for smaller wires.
Dimensions
Mating
- A -
- B -
AWG mm²
Force
Loose Piece Part Numbers
inches mm
inches mm
Minimum Quantity
600
500
50
1
42.4
Low
1323G1-BK -
1323G1
0.47 11.94
0.39
9.91
2
33.6
High
-
1319-BK
1319
0.44 11.18
0.34
8.64
4
21.1
High
-
1319G4-BK
1319G4
0.44 11.18
0.29
7.37
6
13.3
High
-
1319G6-BK
1319G6
0.44 11.18
0.22
5.59
_______________________________________________________________________________
1 (set) 42.4
Low
6811G7 (purchase as a set, no minimum quantity) 0.47 11.94
0.39
9.91


Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB120 ZOWIE-SB120 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB120 SSE-SB120 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
6319 ETC-6319 Datasheet
959Kb / 6P
SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com