Electronic Components Datasheet Search
  English  ▼

X  

6350 Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 6350
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

6350 Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  6350 Datasheet HTML 1Page - Anderson Power Products, Inc. 6350 Datasheet HTML 2Page - Anderson Power Products, Inc. 6350 Datasheet HTML 3Page - Anderson Power Products, Inc. 6350 Datasheet HTML 4Page - Anderson Power Products, Inc. 6350 Datasheet HTML 5Page - Anderson Power Products, Inc. 6350 Datasheet HTML 6Page - Anderson Power Products, Inc. 6350 Datasheet HTML 7Page - Anderson Power Products, Inc. 6350 Datasheet HTML 8Page - Anderson Power Products, Inc. 6350 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
- 118 -
All Data Subject To Change Without Notice
www.andersonpower.com
SBE® 320 / SBX® 350 ACCESSORIES
Cable Clamps
Durable metal clamps adapt to a wide range of cable sizes. Cable
clamp kit includes clamp top and bottom as well as the hardware bag.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
Part Number
Minimum Quantity
25
Cable Clamp Kit
0.85 to 0.67
21.6 to 17.1
911G2
Handles *
Handles are made out of durable PC plastic. Hardware
to attach to connector body included in kits.
Description
Part Numbers
Minimum Quantity
100
25
Gray Handle Kit
995G2-APP
995G2
Red Handle Kit
995G4-APP
995G4
Handle Only, Gray
3-5074P1
-
Handle Only, Red
3-5074P3
-
Handle Only, Black
3-5074P5
-
Hardware Bag
-
106G7
* Torque value 50 (in - lbs) / 5.6 (Nm)
NOTE: For assembly of clamps to housing only
Powerpole® Auxiliary
Powerpole® auxiliary connectors are rated up to 30 amps 600 volts and can be
used for auxiliary power, control or sensing. The auxiliary kit includes (1) each
black and red standard Powerpole® housing, (2) Contacts, (2) Zip Cable Straps,
and (2) Retaining Pins. (1) Retaining Clip can be substituted for (2) Retaining Pins.
Description
Part Numbers
Minimum Quantity
200
25
Powerpole® Auxiliary Kit 16 to 12 AWG Contact
-
6305G1
Powerpole® Auxiliary Kit 20 to 16 AWG Contact
-
6310G1
Black Powerpole® Housing
1327G6
-
Red Powerpole® Housing
1327
-
16 to 12 AWG Contact
1331
-
20 to 16 AWG Contact
1332
-
NOTE: Finger proof PP15/45 housings should not be used for auxiliary contacts.
1x4 Auxiliary Connector
The unique 1x4 auxiliary connector allows up to 4 auxiliary circuits up to 20 amps
150 volts each in SBE®, SBO®, & SBX® housings. The genderless design holds
two each of the gold plated pin & socket contacts. This innovation allows the very
durable and cost effective design of SBE®,O, X connectors to substitute for DIN
43589-1 applications where 4 auxiliary contacts are required. Multiple pin lengths
allow the further benefit of sequencing between circuits. (2) Retaining Pins or (1)
Retaining Clip is required to hold the auxiliary housing in place. Auxiliary Kits include
(1) Auxiliary Housing, (2) Standard Length Pin Contacts, (2) Socket Contacts, (2)
Retaining Pins and (1) Retaining Clip.
Description
AWG
mm²
Part Numbers
Minimum Quantity
1,000
250
25
1x4 Auxiliary Kit
12
4
-
-
440G3
1x4 Auxiliary Kit
16 to 14 1.5 to 2.5
-
-
440G1
1x4 Auxiliary Kit
20 to 16 0.75 to 1.5
-
-
440G2
1x4 Auxiliary Housing
Contacts Sold Separately
3-5956P1 444G1
-
The given wire O.D. information is an estimate. Cable clamps should be
evaluated for performance with the actual wire to be used.
[ 8.4 ]
0.33
[ 10.9 ]
0.43
[ 3.8 ]
0.15
[ 41.3 ]
1.62
Socket
Locations



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com