Electronic Components Datasheet Search
  English  ▼

X  

6350 Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # 6350
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

6350 Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  6350 Datasheet HTML 1Page - Anderson Power Products, Inc. 6350 Datasheet HTML 2Page - Anderson Power Products, Inc. 6350 Datasheet HTML 3Page - Anderson Power Products, Inc. 6350 Datasheet HTML 4Page - Anderson Power Products, Inc. 6350 Datasheet HTML 5Page - Anderson Power Products, Inc. 6350 Datasheet HTML 6Page - Anderson Power Products, Inc. 6350 Datasheet HTML 7Page - Anderson Power Products, Inc. 6350 Datasheet HTML 8Page - Anderson Power Products, Inc. 6350 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 119 -
All Data Subject To Change Without Notice
www.andersonpower.com
[ 1.60 ]
Ø 0.06
Retention Clip
L1
L
Pin Contacts for 1x4 Auxiliary Connector
Gold plated contacts are available in 4 lengths to allow sequencing of circuits.
Description
AWG
mm²
Part Numbers
Minimum Quantity
500
50
Standard Length 7.7 mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3 mm
12
2.5
PM16P12A30
PM16P12A30-50
16 to 14
1.0 to 1.5
PM16P1416A30
PM16P1416A30-50
20 to 16
0.75 to 1.0
PM16P1620A30
PM16P1620A30-50
24 to 20
0.50 to 0.75
PM16P2024A30
PM16P2024A30-50
Post-Mate 6.4 mm
12
2.5
PM16P12C30
PM16P12C30-50
16 to 14
1.0 to 1.5
PM16P1416C30
PM16P1416C30-50
20 to 16
0.75 to 1.0
PM16P1620C30
PM16P1620C30-50
24 to 20
0.50 to 0.75
PM16P2024C30
PM16P2024C30-50
Socket Contacts for 1x4 Auxiliary Connector
Selectively gold plated contacts offer low resistance and durability up to 10,000 mating cycles.
Description
AWG
mm²
Part Numbers
Minimum Quantity
500
50
Socket Contact 12
2.5
PM16S12S32
PM16S12S32-50
16 to 14 1.0 to 1.5
PM16S1416S32
PM16S1416S32-50
20 to 16 0.75 to 1.0
PM16S1620S32
PM16S1620S32-50
24 to 20 0.50 to 0.75
PM16S2024S32
PM16S2024S32-50
SBE® Air Tubes
Air tubes fit into SBE® housings to allow electrolyte circulation while charging the battery.
Genderless tube design allows the same part to be used on both sides. (2) Retaining Pins
or (1) Retaining Clip is required to hold the air tube in place. Retaining Pins are included
in Air Tube Kit.
Description
Part Numbers
Minimum Quantity
500
25
Air Tube Kit, Black
-
6396G1
Air Tube Only
3-5798P1
-
Auxiliary Pin
Contact Lengths
- L -
- L1 -
in.
mm in.
mm
Standard Length 7.7 mm 0.77 19.6 0.30 7.7
Pre-Mate 9.3 mm
0.83 21.2 0.37 9.3
Post-Mate 6.4 mm
0.72 18.3 0.25 6.4
Auxiliary Socket Contacts Crimp Barrel ID
Wire Gauge
in.
mm.
24 to 20
0.04
1.1
20 to 16
0.07
1.7
16 to 14
0.08
2.1
12
0.10
2.6
Socket
Insert
[ 19.6 ]
0.77
[ 2.6 ]
0.10
Retention
Clip
ID



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com